Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 26Page - Texas Instruments AMC6821 Datasheet HTML 27Page - Texas Instruments AMC6821 Datasheet HTML 28Page - Texas Instruments AMC6821 Datasheet HTML 29Page - Texas Instruments AMC6821 Datasheet HTML 30Page - Texas Instruments AMC6821 Datasheet HTML 31Page - Texas Instruments AMC6821 Datasheet HTML 32Page - Texas Instruments AMC6821 Datasheet HTML 33Page - Texas Instruments AMC6821 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
www.ti.com
INTERRUPT
OVR Pin
OVR
OVREN
+V
AMC6821
Output
Latch
Set
Reset
LTCBit
(Localtemperaturereachesthecritcalshutdownthreshold.)
LocalTemperature<(Local-Critical-Temp
5 C)
- °
Output
Latch
Set
Reset
RTCBit
(Remotetemperaturereachesthecritcalshutdownthreshold.)
RemoteTemperature<(Remote-Critical-Temp
5 C)
- °
RTF
(RemoteTemperatureSensorFailure)
SMBALERT Pin
SMBALERT Interrupt Behavior
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
The AMC6821 provides two interrupt output pins, OVR and SMBALERT.
OVR is an open-drain output pin that works as an over-critical temperature limit (shutdown threshold) indicator
and remote sensor failure indicator. This architecture is shown in Figure 30. Setting the OVREN bit of
Configuration Register 4 to '1' enables this pin; clearing OVREN ('0') disables it. When disabled, the OVR pin is
in a high-impedance status. When enabled, the status is controlled by the over-critical temperature flag and
remote sensor failure flag bits of the Status Registers.
When the temperature is over the critical limit (shutdown threshold), the corresponding over-critical limit flag of
the Status Register (RTC for the remote channel and LTC for the local channel) is set ('1'). This flag is cleared
('0') when reading the Status Registers. Once cleared, this bit is not reasserted until the temperature falls 5
°C
below the exceeded critical limit, even if the over-critical limit condition persists. When the temperature is equal to
or above the critical temperature limit, the OVR pin is asserted (active low) to indicate this critical condition. As
the over-critical temperature limit indicator, the OVR pin remains low once asserted until the measured
temperature falls 5
°C below the exceeded critical limit.
Figure 30. OVR Pin
When a remote temperature sensor failure condition is detected (either short-circuit or open-circuit), the remote
temperature sensor failure bit (RTF) in Status Register 1 (bit 5, 0x02) is set ('1') and the OVR pin is forced low no
matter what the status of RTFIE is. This value indicates a remote sensor failure condition. Once this condition
occurs, the RTF bit remains '1' and the OVR pin stays low until a power-on reset or software reset is issued,
regardless if the failure condition continues thereafter. RTF = 1 also generates an RTF interrupt through the
SMBALERT pin when RTFIE = 1.
The SMBALERT pin is a standard interrupt output defined by SMBus specification revision 2.0. This pin is an
open-drain output pin and is illustrated in Figure 33.
When an out-of-limit event occurs, the proper flag bits in the status registers are set ('1'), and the corresponding
interrupts are generated, if enabled. When an interrupt is generated, the SMBALERT pin asserts low. The host
can poll the device status registers to get the information, or give a response to the SMBALERT interrupt signal.
It is important to note how the SMBALERT output and status bits behave when writing interrupt-handler software.
Figure 31 shows how the SMBALERT output and status bits behave.
30
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com