Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 23Page - Texas Instruments AMC6821 Datasheet HTML 24Page - Texas Instruments AMC6821 Datasheet HTML 25Page - Texas Instruments AMC6821 Datasheet HTML 26Page - Texas Instruments AMC6821 Datasheet HTML 27Page - Texas Instruments AMC6821 Datasheet HTML 28Page - Texas Instruments AMC6821 Datasheet HTML 29Page - Texas Instruments AMC6821 Datasheet HTML 30Page - Texas Instruments AMC6821 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
www.ti.com
+V
Temperature-to-DCY
Adjustment
AMC6821
ActualTemperature
TheDCY-RAMPRegister
determines
thespeedofadjustment.
temperature
PWMControl
Temperature
Channel
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Auto Temperature Fan Mode
The Auto Temperature-Fan mode is a closed-loop control that optimizes fan speed for a given temperature to
intelligently manage the system thermals/acoustics. It runs stand-alone even without the intervention of a
controller. The AMC6821 has two auto temperature fan control modes. When the bits [FDRC1:FDRC0] = [10]
(default), the fan is in the Auto Remote Temperature-Fan Speed control mode. The temperature reading from the
remote temperature sensor is the active control temperature that controls the PWM duty cycle. When the bits
[FDRC1:FDRC0] = [11], the fan is in the maximum fast-speed calculated control mode. The local temperature
and the remote temperature have independently-programmed control loops with different parameters. In the
maximum fast-speed calculated control mode, the required fan speed is calculated for the remote and local
channels, respectively. Whichever control loop calculates the fastest speed based on the measured temperature
drives the fan. After the monitor starts, the PWM duty cycle is determined by the actual control temperature.
When the temperature is above the low temperature and below the high temperature, the internal control loop
automatically adjusts the duty cycle to a proper value according to the measured temperature. When the
temperature rises, the duty cycle increases to a higher value; when the temperature drops, the duty cycle
reduces. This architecture makes the fan always run at an optimal speed. This adjustment is based on the
control-loop parameters defined in the Local TEMP-FAN Control Register, Remote TEMP-FAN Control Register,
and the DCY-RAMP Register. Changing the parameters changes the desired value of the duty cycle and the fan
speed.
Figure 27. Auto Fan Temperature Loop
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com