Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1363 Datasheet(PDF) 7 Page - ams AG

Part # AS1363
Description  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 7 Page - ams AG

Back Button AS1363 Datasheet HTML 3Page - ams AG AS1363 Datasheet HTML 4Page - ams AG AS1363 Datasheet HTML 5Page - ams AG AS1363 Datasheet HTML 6Page - ams AG AS1363 Datasheet HTML 7Page - ams AG AS1363 Datasheet HTML 8Page - ams AG AS1363 Datasheet HTML 9Page - ams AG AS1363 Datasheet HTML 10Page - ams AG AS1363 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ams.com/LDO
Revision 1.9
7 - 19
AS1363
Datasheet - Ty pical Operating Characteristics
Figure 9. Quiescent Current vs. Temperature; VIN = 3.0V
Figure 10. PSRR vs. Frequency; IOUT = 10mA, CIN = 68nF,
0
20
40
60
80
100
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
no l oad
Iout =100mA
-90
-80
-70
-60
-50
10
100
1000
10000
100000
Frequency (Hz)
Figure 11. Line Transient Response;
VIN = 3.0V to 3.5V, IOUT = 100mA
Figure 12. Load Transient Response;
VIN = 3.0V, IOUT = 50mA to 250mA
1ms/Div
5µs/Div
Figure 13. Startup; VIN = 3.0V, IOUT = 100mA
Figure 14. Startup; VIN = 3.0V, IOUT = 100mA
1ms/Div
20µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com