Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1363 Datasheet(PDF) 6 Page - ams AG

Part # AS1363
Description  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 6 Page - ams AG

Back Button AS1363 Datasheet HTML 2Page - ams AG AS1363 Datasheet HTML 3Page - ams AG AS1363 Datasheet HTML 4Page - ams AG AS1363 Datasheet HTML 5Page - ams AG AS1363 Datasheet HTML 6Page - ams AG AS1363 Datasheet HTML 7Page - ams AG AS1363 Datasheet HTML 8Page - ams AG AS1363 Datasheet HTML 9Page - ams AG AS1363 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ams.com/LDO
Revision 1.9
6 - 19
AS1363
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VIN = VOUT(NOM) + 0.5V, CIN = 1µF, COUT = 2.2µF, TAMB = 25°C (unless otherwise specified).
Figure 3. VDROP vs. IOUT;
Figure 4. VOUT vs. IOUT; VOUT(NOM) = 2.5V
0
20
40
60
80
100
120
140
160
0
100
200
300
400
500
Load Current (mA)
2.499
2.5
2.501
2.502
2.503
0
100
200
300
400
500
Output Current (mA)
Figure 5. VOUT vs. Temperature; VOUT(NOM) = 2.5V
Figure 6. VOUT vs. VIN; VOUT(NOM) = 2.5V
2.496
2.497
2.498
2.499
2.5
2.501
2.502
2.503
2.504
2.505
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
Input Voltage (V)
Iout =0mA
Iout =500mA
Figure 7. Quiescent Current vs. VIN; no load
Figure 8. Quiescent Current vs. IOUT; VIN = 3.0V;
0
20
40
60
80
100
120
012
3456
Input Voltage (V)
0
20
40
60
80
100
0
100
200
300
400
500
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com