Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1363 Datasheet(PDF) 2 Page - ams AG

Part # AS1363
Description  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 2 Page - ams AG

  AS1363 Datasheet HTML 1Page - ams AG AS1363 Datasheet HTML 2Page - ams AG AS1363 Datasheet HTML 3Page - ams AG AS1363 Datasheet HTML 4Page - ams AG AS1363 Datasheet HTML 5Page - ams AG AS1363 Datasheet HTML 6Page - ams AG AS1363 Datasheet HTML 7Page - ams AG AS1363 Datasheet HTML 8Page - ams AG AS1363 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ams.com/LDO
Revision 1.9
2 - 19
AS1363
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1IN
+2.0V to +5.5V Supply Voltage. Bypass this pin with a 1µF capacitor to GND (see Package
Drawings and Markings on page 16).
2POK
Open-Drain POK Output. POK remains low while VOUT is below the POK threshold. Connect
a 100k
 pull-up resistor from this pin to OUT to obtain an output voltage (see Figure on page
1).
3EN
Active-High Enable Input. A logic low reduces supply current below 30nA. In shutdown mode,
the POK output is low, and OUT is high impedance. Connect this pin to IN for normal operation.
4
GND
Ground
5
SET
Voltage-Setting Input. Connect to GND for preset output or Connect to a resistive voltage-
divider between OUT and GND to set the output voltage between 1.2V and 5.3V (see Figure on
page 1).
BYP
Bypass Pin. Connect a 10nF capacitor from this pin to VOUT to improve PSRR and noise
performance (see Figure 16 on page 9).
6OUT
Output. Sources up to 500mA. Bypass this pin with a 2.2µF low-ESR capacitor to GND (see
Figure on page 1).
Note:
For output voltages below 2V a 4.7µF capacitor should be used.
3
EN
2
POK
1
IN
4GND
5 SET/BYP
6OUT
AS1363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com