Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1363 Datasheet(PDF) 8 Page - ams AG

Part # AS1363
Description  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 8 Page - ams AG

Back Button AS1363 Datasheet HTML 4Page - ams AG AS1363 Datasheet HTML 5Page - ams AG AS1363 Datasheet HTML 6Page - ams AG AS1363 Datasheet HTML 7Page - ams AG AS1363 Datasheet HTML 8Page - ams AG AS1363 Datasheet HTML 9Page - ams AG AS1363 Datasheet HTML 10Page - ams AG AS1363 Datasheet HTML 11Page - ams AG AS1363 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ams.com/LDO
Revision 1.9
8 - 19
AS1363
Datasheet - Detailed Descr i p ti on
8 Detailed Description
The AS1363 is a low-dropout, low-quiescent-current linear regulator specifically designed for battery-powered devices. The regulator supplies
loads of up to 500mA and can deliver a factory-preset output voltage or user-adjustable output voltage.
Figure 15. Block Diagram
Figure 15 shows the block diagram of the AS1363. It identifies the basics of a series linear regulator employing a P-Channel MOSFET as the
control element. A stable voltage reference (1.2VREF in Figure 15) is compared with an attenuated sample of the output voltage. Any difference
between the two voltages (reference and sample) creates an output from the error amplifier that drives the series control element to reduce the
difference to a minimum. The error amplifier incorporates additional buffering to drive the relatively large gate capacitance of the series pass P-
channel MOSFET, when additional drive current is required under transient conditions.. Input supply variations are absorbed by the series
element, and output voltage variations with loading are absorbed by the low output impedance of the regulator.
The device features a 1.2V reference, error amplifier, P-channel pass transistor, and internal feedback voltage-divider (see Figure 15). Additional
blocks include an output current limiter, thermal sensor, and shutdown logic.
8.1 Shutdown
If pin EN is connected to GND the AS1363 is disabled. In shutdown mode all internal circuits are turned off, reducing supply current to 30nA
typical. For normal operation pin EN must be connected to IN. During shutdown, POK is low.
2
AS1363-AD
+
–
Shutdown
Logic
+
–
93%VREF
+
–
100mV
+
–
R1
COUT 2.2µF
5k
R2
+
–
RPOK
100k
MOSFET
Driver
w/ILIM
Thermal
Sensor
1
IN
6
OUT
3
EN
POK
5
SET
4
GND
CIN
1µF
VIN
2.0V to 5.5V
VOUT Logic Supply
Voltage
To Controller
Error
Amplifier
On
Off
1.2V
Reference
VOUT
1.2V to 5.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com