Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1363 Datasheet(PDF) 18 Page - ams AG

Part # AS1363
Description  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 18 Page - ams AG

Back Button AS1363 Datasheet HTML 11Page - ams AG AS1363 Datasheet HTML 12Page - ams AG AS1363 Datasheet HTML 13Page - ams AG AS1363 Datasheet HTML 14Page - ams AG AS1363 Datasheet HTML 15Page - ams AG AS1363 Datasheet HTML 16Page - ams AG AS1363 Datasheet HTML 17Page - ams AG AS1363 Datasheet HTML 18Page - ams AG AS1363 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
www.ams.com/LDO
Revision 1.9
18 - 19
AS1363
Datasheet - Orderin g Info r m ation
11 Ordering Information
The device is available as the standard products shown in Table 6.
*Future product.
Non-standard devices are available between 1.4V and 4.6V in 50mV steps and between 4.6V and 5.0V in 100mV steps. For more information
and inquiries contact http://www.ams.com/contact
Note:
All products are RoHS compliant.
Buy our products or get free samples online at ICdirect: http://www.ams.com/ICdirect
Technical Support is available at http://www.ams.com/Technical-Support
For further information and requests, please contact us mailto:sales@ams.com
or find your local distributor at http://www.ams.com/distributor
Table 6. Ordering Information
Ordering Code
Marking
Output
SET/BYP
Delivery Form
Package
AS1363-BSTT-AD
ASQ9
adjustable
(preset to 2.5V)
SET
Tape and Reel
6-pin SOT23
AS1363-BSTT-12*
ASRY
1.2V
BYP
Tape and Reel
6-pin SOT23
AS1363-BSTT-15
ASRA
1.5V
BYP
Tape and Reel
6-pin SOT23
AS1363-BSTT-18
ASRB
1.8V
BYP
Tape and Reel
6-pin SOT23
AS1363-BSTT-30
ASRC
3.0V
BYP
Tape and Reel
6-pin SOT23
AS1363-BSTT-33
ASRD
3.3V
BYP
Tape and Reel
6-pin SOT23
AS1363-BSTT-45
ASRE
4.5V
BYP
Tape and Reel
6-pin SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com