Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1363 Datasheet(PDF) 1 Page - ams AG

Part # AS1363
Description  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 1 Page - ams AG

  AS1363 Datasheet HTML 1Page - ams AG AS1363 Datasheet HTML 2Page - ams AG AS1363 Datasheet HTML 3Page - ams AG AS1363 Datasheet HTML 4Page - ams AG AS1363 Datasheet HTML 5Page - ams AG AS1363 Datasheet HTML 6Page - ams AG AS1363 Datasheet HTML 7Page - ams AG AS1363 Datasheet HTML 8Page - ams AG AS1363 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AS1363
1A Low Dropout Linear Voltage Regulator
www.ams.com/LDO
Revision 1.9
1 - 19
1 General Description
The AS1363 is a low-dropout linear regulator that operates from a
+2.0V to +5.5V supply and delivers a guaranteed 500mA load
current with low 150mV dropout.
The device is available in two versions (see Table 1). One version
has a high-accuracy output with a preset voltage (1.2V, 1.5V, 1.8V,
3.0V, 3.3V, or 4.5V). This voltage is internally trimmed and also offers
a Bypass pin. With a capacitor connected to this Bypass pin, the
PSRR and the Noise performance is improved.
At the other version the output voltage is user-adjustable (1.2V to
5.3V) and offers an SET pin for setting the output voltage.
Table 1. Standard Products
A low supply current (65µA typ.) at maximum load is making the
device ideal for portable battery-operated equipment.
Other features are included such as an active-low open-drain reset
output that indicates when the output is out of regulation, a low-
current (30nA typ.) shutdown mode, an integrated short-circuit and a
thermal shutdown protection.
When in shutdown, a 5k
 (typ) discharge path is connected
between the output pin and ground. The AS1363 is available in a 6-
pin SOT23 package.
2 Key Features

Guaranteed Output Current: 500mA

Low Dropout: 150mV @ 500mA

2.0V to 5.5V Input Voltage

Fixed Output Voltage: 1.2V to 5.0V

User-Adjustable Output Voltage: 1.2V to 5.3V

Power OK Output

Low Quiescent Current: 40µA

Low Shutdown Current: 30nA

Thermal Overload Protection

Output Current Limit

Output discharge path during shutdown

6-pin SOT23 Package
3 Applications
The device is ideal for laptops, PDAs, portable audio devices, mobile
phones, cordless phones, and any other battery-operated portable
device.
Model
Output Type
BYP
SET
AS1363-AD
Adjustable
No
Yes
AS1363-_ _
Fixed
Yes
No
AS1363-AD
COUT2
.2µF
1
IN
6
OUT
3
EN
2
POK
5
SET
CIN
1µF
VIN
2.0V
to 5.5V
VOUT
1.2V to 5.3V
4
GND
On
Off
R1
R2
RPOK
100k
VOUT Logic Sup-
ply Voltage
To Controller
Figure 1. AS1363 - Typical Application Circuit


Similar Part No. - AS1363

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
AS1363-AD AMSCO-AS1363-AD Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
AS1363-BSTT-12 AMSCO-AS1363-BSTT-12 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
AS1363-BSTT-15 AMSCO-AS1363-BSTT-15 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
AS1363-BSTT-18 AMSCO-AS1363-BSTT-18 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
More results

Similar Description - AS1363

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
ams AG
AS1364 AMSCO-AS1364 Datasheet
563Kb / 15P
1A, Low-Dropout Linear Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
Infineon Technologies A...
IFX8117ME-V INFINEON-IFX8117ME-V Datasheet
1Mb / 20P
1A Low-Dropout Linear Voltage Regulator
Rev. 1.01, 2010-07-02
logo
ams AG
AS1364 AMSCO-AS1364_04 Datasheet
1Mb / 20P
1A Low Dropout Linear Voltage Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE529C ACE-ACE529C Datasheet
606Kb / 7P
1A Low Dropout Voltage Linear Regulator
VER 1.2
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com