Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1363 Datasheet(PDF) 9 Page - ams AG

Part # AS1363
Description  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 9 Page - ams AG

Back Button AS1363 Datasheet HTML 5Page - ams AG AS1363 Datasheet HTML 6Page - ams AG AS1363 Datasheet HTML 7Page - ams AG AS1363 Datasheet HTML 8Page - ams AG AS1363 Datasheet HTML 9Page - ams AG AS1363 Datasheet HTML 10Page - ams AG AS1363 Datasheet HTML 11Page - ams AG AS1363 Datasheet HTML 12Page - ams AG AS1363 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ams.com/LDO
Revision 1.9
9 - 19
AS1363
Datasheet - Detailed Descr i p ti on
8.2 Output Voltage Selection
The AS1363 is available in two versions (see Ordering Information on page 18). One version can only operate at one fixed output voltage and
the other version can operate with a preset output voltage or with user-adjustable output voltages (1.2V to 5.3V).

For the fixed output voltage version connect a capacitor CBYP from pin BYP to VOUT to improve PSRR and Noise performance
(see Figure 16).

To use the factory preset output voltage of the user-adjustable output voltage version, connect pin SET to GND (see Figure 17).

For configurations using an output voltage other than the factory preset, a voltage-divider from OUT to SET to GND is required, as shown in
(see Figure on page 1). A value for R2 in the 25k
 to 100k range should be sufficient. Calculate the value for R1 as:
(EQ 1)
Where:
VOUT is in a range from 1.2V to 5.3V.
VSET/BYP = 1.2V.
Figure 16. Fixed Output Voltage
Figure 17. Adjustable Output using preset Output Voltage
R
1
R
2
V
OUT
V
SETBYP
---------------------
1
–


=
AS1363
COUT
2.2µF
1
IN
6
OUT
3
EN
5
BYP
2
POK
RPOK
100k
CIN
1µF
VIN
2.0V to 5.5V
VOUT
1.2V to 5.0V
To Controller
4
GND
On
Off
CBYP
10nF
AS1363-AD
COUT
2.2µF
1
IN
6
OUT
3
EN
5
SET
2
POK
RPOK
100k
CIN
1µF
VIN
2.5V to 5.5V
VOUT
2.5V
To Controller
4
GND
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com