Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1363 Datasheet(PDF) 10 Page - ams AG

Part # AS1363
Description  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 10 Page - ams AG

Back Button AS1363 Datasheet HTML 6Page - ams AG AS1363 Datasheet HTML 7Page - ams AG AS1363 Datasheet HTML 8Page - ams AG AS1363 Datasheet HTML 9Page - ams AG AS1363 Datasheet HTML 10Page - ams AG AS1363 Datasheet HTML 11Page - ams AG AS1363 Datasheet HTML 12Page - ams AG AS1363 Datasheet HTML 13Page - ams AG AS1363 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ams.com/LDO
Revision 1.9
10 - 19
AS1363
Datasheet - Detailed Descr i p ti on
8.3 Power-OK
The AS1363 features a power-ok indicator that asserts when the output voltage falls out of regulation. The open-drain POK output goes low
when output voltage at OUT falls 6% below its nominal value. A 100k
 pull-up resistor from POK to a (typically OUT) provides a logic control
signal.
POK can be used as a power-on-reset (POR) signal to a microcontroller or can drive an external LED to indicate a power failure condition.
Note:
POK is low during shutdown.
8.4 Current Limit
The AS1363 features current limiting circuitry that monitors the pass transistor, limiting short-circuit output current to 0.8A (typ). The circuitry of
the AS1363 allows that the output can be shorted to ground for an indefinite period of time without damaging the device.
8.5 Thermal Overload Protection
Integrated thermal overload protection limits the total power dissipation in the AS1363. When the junction temperature (TJ) exceeds +170ºC
typically, the pass transistor is turned off. Normal operation is continued when TJ drops approximately 20ºC.
Note:
Regardless of the hysteresis, continuous short-circuit condition will result in a pulsed output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com