Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1363 Datasheet(PDF) 14 Page - ams AG

Part # AS1363
Description  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 14 Page - ams AG

Back Button AS1363 Datasheet HTML 10Page - ams AG AS1363 Datasheet HTML 11Page - ams AG AS1363 Datasheet HTML 12Page - ams AG AS1363 Datasheet HTML 13Page - ams AG AS1363 Datasheet HTML 14Page - ams AG AS1363 Datasheet HTML 15Page - ams AG AS1363 Datasheet HTML 16Page - ams AG AS1363 Datasheet HTML 17Page - ams AG AS1363 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.ams.com/LDO
Revision 1.9
14 - 19
AS1363
Datasheet - Application In form atio n
9.6 Explanation of Dynamic Specifications
9.6.1 Power Supply Rejection Ratio (PSRR)
Known also as Ripple Rejection, this specification measures the ability of the regulator to reject noise and ripple beyond DC. PSRR is a
summation of the individual rejections of the error amplifier, reference and AC leakage through the series pass transistor. The specification, in
the form of a typical attenuation plot with respect to frequency, shows up the gain bandwidth compromises forced upon the designer in low
quiescent current conditions. Generally:
PSSR =
dB using lower case
to indicate AC values
(EQ 14)
Power supply rejection ratio is fixed by the internal design of the regulator. Additional rejection must be provided externally.
9.6.2 Output Capacitor ESR
The series regulator is a negative feedback amplifier, and as such is conditionally stable. The ESR of the output capacitor is usually used to
cancel one of the open loop poles of the error amplifier in order to produce a single pole response. Excessive ESR values may actually cause
instability by excessive changes to the closed loop unity gain frequency crossover point. The range of ESR values for stability is usually shown
either by a plot of stable ESR versus load current, or a limit statement in the datasheet.
Some ceramic capacitors exhibit large capacitance and ESR variations with temperature. Z5U and Y5V capacitors may be required to ensure
stability at temperatures below TAMB = -10ºC. With X7R or X5R capacitors, a 2.2µF capacitor should be sufficient at all operating temperatures.
Larger output capacitor values (10µF max) help to reduce noise and improve load transient-response, stability and power-supply rejection.
9.6.3 Input Capacitor
An input capacitor at VIN is required for stability. It is recommended that a 1.0µF capacitor be connected between the AS1363 power supply
input pin VIN and ground (capacitance value may be increased without limit subject to ESR limits). This capacitor must be located at a distance
of not more than 1cm from the VIN pin and returned to a clean analog ground. Any good quality ceramic, tantalum, or film capacitor may be used
at the input.
9.6.4 Noise
The regulator output is a DC voltage with noise superimposed on the output. The noise comes from three sources; the reference, the error
amplifier input stage, and the output voltage setting resistors. Noise is a random fluctuation and if not minimized in some applications, will
produce system problems.
9.6.5 Transient Response
The series regulator is a negative feedback system, and therefore any change at the output will take a finite time to be corrected by the error
loop. This “propagation time” is related to the bandwidth of the error loop. The initial response to an output transient comes from the output
capacitance, and during this time, ESR is the dominant mechanism causing voltage transients at the output. More generally:
Units are Volts, Amps, Ohms.
(EQ 15)
Thus an initial +50mA change of output current will produce a -12mV transient when the ESR=240m
. Remember to keep the ESR within
stability recommendations when reducing ESR by adding multiple parallel output capacitors.
After the initial ESR transient, there follows a voltage droop during the time that the LDO feedback loop takes to respond to the output change.
This drift is approx. linear in time and sums with the ESR contribution to make a total transient variation at the output of:
Units are Volts, Seconds, Farads, Ohms.
(EQ 16)
Where:
CLOAD is output capacitor
T = Propagation delay of the LDO
This shows why it is convenient to increase the output capacitor value for a better support for fast load changes. Of course the formula holds for
t < “propagation time”, so that a faster LDO needs a smaller cap at the load to achieve a similar transient response. For instance 50mA load
current step produces 50mV output drop if the LDO response is 1usec and the load cap is 1µF.
There is also a steady state error caused by the finite output impedance of the regulator. This is derived from the load regulation specification
discussed above.
20Log
V
OUT
V
IN
----------------
V
TRANSIENT
I
OUTPUT
R
ESR
=
V
TRANSIENT
I
OUTPUT
=
R
ESR
T
C
LOAD
----------------
+





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com