Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1363 Datasheet(PDF) 5 Page - ams AG

Part # AS1363
Description  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 5 Page - ams AG

  AS1363 Datasheet HTML 1Page - ams AG AS1363 Datasheet HTML 2Page - ams AG AS1363 Datasheet HTML 3Page - ams AG AS1363 Datasheet HTML 4Page - ams AG AS1363 Datasheet HTML 5Page - ams AG AS1363 Datasheet HTML 6Page - ams AG AS1363 Datasheet HTML 7Page - ams AG AS1363 Datasheet HTML 8Page - ams AG AS1363 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ams.com/LDO
Revision 1.9
5 - 19
AS1363
Datasheet - Electrical Character i s t ics
POK Output
VOL
POK Output Low Voltage
POK sinking 1mA
0.05
0.25
V
Operating Voltage Range for Valid
POK Signal
POK sinking 100µA
1.1
5.5
V
POK Output High leakage Current
POK = 5.5V, TAMB = +25ºC
1
nA
TAMB = +85ºC
5
POK Threshold
Rising edge (referenced to VOUT(NOM))90
94
98
%
Thermal Protection
TSHDNN
Thermal Shutdown Temperature
170
ºC
TSHDNN
Thermal Shutdown Hysteresis
20
ºC
COUT
Output Capacitor
Load Capacitor Range
1
2.2
µF
Load Capacitor ESR
500
m
1. Guaranteed by production test of load regulation and line regulation.
2. Dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT measured for VIN = (VOUT(NOM) + 500mV).
Since the minimum input voltage is 2.0V, this specification is only valid when VOUT(NOM) > 2.0V.
Table 4. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com