Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1363 Datasheet(PDF) 13 Page - ams AG

Part # AS1363
Description  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363 Datasheet(HTML) 13 Page - ams AG

Back Button AS1363 Datasheet HTML 9Page - ams AG AS1363 Datasheet HTML 10Page - ams AG AS1363 Datasheet HTML 11Page - ams AG AS1363 Datasheet HTML 12Page - ams AG AS1363 Datasheet HTML 13Page - ams AG AS1363 Datasheet HTML 14Page - ams AG AS1363 Datasheet HTML 15Page - ams AG AS1363 Datasheet HTML 16Page - ams AG AS1363 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.ams.com/LDO
Revision 1.9
13 - 19
AS1363
Datasheet - Application In form atio n
Total Thermal Path Resistance:
(EQ 7)
Junction Temperature (TJºC) is determined by:
ºC
(EQ 8)
9.5 Explanation of Steady State Specifications
9.5.1 Line Regulation
Line regulation is defined as the change in output voltage when the input (or line) voltage is changed by a known quantity. It is a measure of the
regulator’s ability to maintain a constant output voltage when the input voltage changes. Line regulation is a measure of the DC open loop gain
of the error amplifier. More generally:
Line Regulation =
and is a pure number
In practise, line regulation is referred to the regulator output voltage in terms of % / VOUT. This is particularly useful when the same regulator is
available with numerous output voltage trim options.
Line Regulation =
% / V
(EQ 9)
9.5.2 Load Regulation
Load regulation is defined as the change of the output voltage when the load current is changed by a known quantity. It is a measure of the
regulator’s ability to maintain a constant output voltage when the load changes. Load regulation is a measure of the DC closed loop output
resistance of the regulator. More generally:
Load Regulation =
and is units of ohms (
)(EQ 10)
In practise, load regulation is referred to the regulator output voltage in terms of % / mA. This is particularly useful when the same regulator is
available with numerous output voltage trim options.
Load Regulation =
% / mA
(EQ 11)
9.5.3 Setting Accuracy
Accuracy of the final output voltage is determined by the accuracy of the ratio of R1 and R2, the reference accuracy and the input offset voltage
of the error amplifier. When the regulator is supplied pre-trimmed, the output voltage accuracy is fully defined in the output voltage specification.
When the regulator has a SET terminal, the output voltage may be adjusted externally. In this case, the tolerance of the external resistor network
must be incorporated into the final accuracy calculation. Generally:
(EQ 12)
The reference tolerance is given both at 25ºC and over the full operating temperature range.
9.5.4 Total Accuracy
Away from dropout, total steady state accuracy is the sum of setting accuracy, load regulation and line regulation. Generally:
Total % Accuracy = Setting % Accuracy + Load Regulation % + Line Regulation %
(EQ 13)
R
JA
R
JC
R
CS
R
SA
++
=
T
J
PD
MAX

R
JA
 T
AMB
+
=
V
OUT
V
IN
----------------
V
OUT
V
IN
----------------
100
V
OUT
------------
V
OUT
I
OUT
----------------
V
OUT
I
OUT
----------------
100
V
OUT
----------------
V
OUT
V
SET
V
SET

=1
R1
R1
R2
R2
---------------------
+





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com