Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 3Page - Renesas Technology Corp PD720202 Datasheet HTML 4Page - Renesas Technology Corp PD720202 Datasheet HTML 5Page - Renesas Technology Corp PD720202 Datasheet HTML 6Page - Renesas Technology Corp PD720202 Datasheet HTML 7Page - Renesas Technology Corp PD720202 Datasheet HTML 8Page - Renesas Technology Corp PD720202 Datasheet HTML 9Page - Renesas Technology Corp PD720202 Datasheet HTML 10Page - Renesas Technology Corp PD720202 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
μPD720201/μPD720202
2. PIN FUNCTION
R19DS0047EJ0500 Rev. 5.00
Page 7 of 40
Jan. 17, 2013
2. PIN FUNCTION
This section describes each pin functions.
2.1
Power supply
Table 2-1.
Power Supply
Pin
Name
μPD720201
Pin No.
μPD720202
Pin No.
I/O
Type
Function
VDD33
15, 29, 40, 49,
57, 66
12, 22, 34, 43
Power
+3.3 V power supply
VDD10
9, 12, 28, 37,
43, 46, 54, 60,
63
6, 9, 21, 30, 33,
39, 42
Power
+1.05 V power supply.
AVDD33
6, 32
3, 25
Power
+3.3 V power supply for analog circuit.
GND
GND PAD
GND PAD
Power
Connect to ground.
IC(L)
34
27
I
Test pin. Connect to ground.
2.2
Analog Signal
Table 2-2.
Analog Signal
Pin
Name
720201
Pin No.
720202
Pin No.
I/O
Type
Active
Level
Function
RREF
33
26
USB2
−
Reference resistor connection.
2.3
System clock
Table 2-3.
System Clock
Pin
Name
720201
Pin No.
720202
Pin No.
Type
Active
Level
Function
XT1
31
24
I
(OSC)
−
Oscillator in
Connect to 24 MHz crystal.
XT2
30
23
O
(OSC)
−
Oscillator out
Connect to 24 MHz crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com