Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 16Page - Renesas Technology Corp PD720202 Datasheet HTML 17Page - Renesas Technology Corp PD720202 Datasheet HTML 18Page - Renesas Technology Corp PD720202 Datasheet HTML 19Page - Renesas Technology Corp PD720202 Datasheet HTML 20Page - Renesas Technology Corp PD720202 Datasheet HTML 21Page - Renesas Technology Corp PD720202 Datasheet HTML 22Page - Renesas Technology Corp PD720202 Datasheet HTML 23Page - Renesas Technology Corp PD720202 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 20 of 40
Jan. 17, 2013
3.8.3
Reset
Table 3-11.
Power on Reset (PONRSTB) Timings
Parameter
Symbol
Condition
Min.
Max.
Units
Power on reset time
TPONRST
See Figure 3-9
1
ms
Remarks 1. There is no order to power-on of VDD33, AVDD33, AVDD33 and VDD10.
2. All power sources should be stable within 100 ms from the fastest rising edge of power sources.
3. PONRSTB shall be de-asserted after all power sources and the system clock become stable.
4. PONRSTB shall be de-asserted before de-asserting PERSTB.
Table 3-12.
PCI Express Interface - PERSTB Signal Timings
Parameter
Symbol
Condition
Min.
Max.
Units
Power stable to PERSTB inactive
T
PVPERL
See Figure 3-9
100
ms
PECLKP/PECLKN stable before PERSTB
inactive
T
PERST-CLK
See Figure 3-9
100
μs
Figure 3-9.
Power Up and Reset
Remark As a power saving feature, the
μPD720201 / μPD720202 stops XT1/XT2 oscillation whenever PERSTB is
asserted (low) while PONRSTB is inactive (high).
XT1/XT2 oscillation does not stop while PONRSTB is
asserted (low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com