Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 28Page - Renesas Technology Corp PD720202 Datasheet HTML 29Page - Renesas Technology Corp PD720202 Datasheet HTML 30Page - Renesas Technology Corp PD720202 Datasheet HTML 31Page - Renesas Technology Corp PD720202 Datasheet HTML 32Page - Renesas Technology Corp PD720202 Datasheet HTML 33Page - Renesas Technology Corp PD720202 Datasheet HTML 34Page - Renesas Technology Corp PD720202 Datasheet HTML 35Page - Renesas Technology Corp PD720202 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 32 of 40
Jan. 17, 2013
Figure 3-15.
Transmit Waveform for Transceiver at U2DP/U2DM
0 V
Differential
+400 mV
Differential
−400 mV
Differential
Unit Interval
Level 1
Level 2
0%
100%
Point 4
Point 3
Point 1
Point 2
Point 5
Point 6
Figure 3-16.
Transmitter Measurement Fixtures
Vbus
D
+
D
−
Gnd
15.8
Ω
+
To 50
Ω Inputs of a
High Speed Differential
Oscilloscope, or 50
Ω
Outputs of a High Speed
Differential Data Generator
−
50
Ω
Coax
50
Ω
Coax
USB
Connector
Nearest
Device
Test Supply Voltage
15.8
Ω
143
Ω
143
Ω
Figure 3-17.
Differential Data Jitter for Low-/Full-Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com