Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 9Page - Renesas Technology Corp PD720202 Datasheet HTML 10Page - Renesas Technology Corp PD720202 Datasheet HTML 11Page - Renesas Technology Corp PD720202 Datasheet HTML 12Page - Renesas Technology Corp PD720202 Datasheet HTML 13Page - Renesas Technology Corp PD720202 Datasheet HTML 14Page - Renesas Technology Corp PD720202 Datasheet HTML 15Page - Renesas Technology Corp PD720202 Datasheet HTML 16Page - Renesas Technology Corp PD720202 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 13 of 40
Jan. 17, 2013
3.2
Terminology
Table 3-1.
Terms Used in Absolute Maximum Ratings
Parameter
Symbol
Meaning
Power supply voltage
V
DD33, VDD10,
AV
DD33
Indicates the voltage range within which damage or reduced
reliability will not result when power is applied to a VDD pin.
Input voltage
V
I
Indicates voltage range within which damage or reduced reliability
will not result when power is applied to an input pin.
Output voltage
V
O
Indicates voltage range within which damage or reduced reliability
will not result when power is applied to an output pin.
Output current
I
O
Indicates absolute tolerance values for DC current to prevent
damage or reduced reliability when current flows out of or into
output pin.
Storage temperature
T
stg
Indicates the element temperature range within which damage or
reduced reliability will not result while no voltage or current is
applied to the device.
Table 3-2.
Terms Used in Recommended Operating Range
Parameter
Symbol
Meaning
Power supply voltage
V
DD33,
V
DD10,
AV
DD33
Indicates the voltage range for normal logic operations occur when
GND = 0 V.
High-level input voltage
V
IH
Indicates the voltage, which is applied to the input pins of the device,
is the voltage indicates that the high level states for normal operation
of the input buffer.
* If a voltage that is equal to or greater than the “Min.” value is
applied, the input voltage is guaranteed as high level voltage.
Low-level input voltage
V
IL
Indicates the voltage, which is applied to the input pins of the device,
is the voltage indicates that the low level states for normal operation
of the input buffer.
* If a voltage that is equal to or lesser than the “Max.” value is
applied, the input voltage is guaranteed as low level voltage.
Input
rise time
T
ri
Indicates the limit value for the time period when an input voltage
applied to the input pins of the device rises from 10% to 90%.
Input
fall time
T
fi
Indicates the limit value for the time period when an input voltage
applied to the input pins of the device falls from 90% to 10%.
Operating temperature
T
A
Indicates the ambient temperature range for normal logic operations.
Table 3-3.
Term Used in DC Characteristics
Parameter
Symbol
Meaning
Off-state output leakage
current
I
OZ
Indicates the current that flows from the power supply pins when the
rated power supply voltage is applied when a 3-state output has
high impedance.
Input leakage current
I
I
Indicates the current that flows when the input voltage is supplied to
the input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com