Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 12Page - Renesas Technology Corp PD720202 Datasheet HTML 13Page - Renesas Technology Corp PD720202 Datasheet HTML 14Page - Renesas Technology Corp PD720202 Datasheet HTML 15Page - Renesas Technology Corp PD720202 Datasheet HTML 16Page - Renesas Technology Corp PD720202 Datasheet HTML 17Page - Renesas Technology Corp PD720202 Datasheet HTML 18Page - Renesas Technology Corp PD720202 Datasheet HTML 19Page - Renesas Technology Corp PD720202 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 16 of 40
Jan. 17, 2013
3.6
Pin Capacitance
Table 3-8.
Pin capacitance
Parameter
Symbol
Condition
Min.
Max.
Units
SPI Interface Pin capacitance
C
SPI
5
pF
3.7
Sequence for turning on or off power
It is recommended that the time difference between the start of power-supply rise (3.3V or 1.05V) and the
point where both power supplies are stabilized should be within 100ms, regardless of the order of power
source. A voltage of 0.1V
DD has to be raised to 0.9VDD while the time difference is measured.
Figure 3-1.
Order of Power Source
3.3V
1.05V
GND
Within
100ms
Within
100ms
0.9VDD
0.1VDD
0.1VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com