Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 8Page - Renesas Technology Corp PD720202 Datasheet HTML 9Page - Renesas Technology Corp PD720202 Datasheet HTML 10Page - Renesas Technology Corp PD720202 Datasheet HTML 11Page - Renesas Technology Corp PD720202 Datasheet HTML 12Page - Renesas Technology Corp PD720202 Datasheet HTML 13Page - Renesas Technology Corp PD720202 Datasheet HTML 14Page - Renesas Technology Corp PD720202 Datasheet HTML 15Page - Renesas Technology Corp PD720202 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 12 of 40
Jan. 17, 2013
3. ELECTRICAL SPECIFICATIONS
3.1
Buffer List
• 3.3 V input buffer
OCI(4:1)B, PERSTB, IC(L)
• 3.3 V input schmitt buffer
PONRSTB
• 3.3 V IOLH = 4mA output buffer
PPON(4:1)
• 3.3 V IOL = 4mA bi-directional buffer
SPISO, SPISI, SPISCK, SPICSB
• Open drain buffer
PEWAKEB, PECREQB, SMIB
• 3.3 V oscillator interface
XT1, XT2
• USB Classic interface
U2DP(4:1), U2DN(4:1), RREF
• PCI Express Serdes
PECLKP, PECLKN, PETXP, PETXN, PERXP, PERXN
• USB SuperSpeed Serdes (Serializer-Deserializer)
U3TXDP(4:1), U3TXDN(4:1), U3RXDP(4:1), U3RXDN(4:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com