Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PD720202 Datasheet HTML 1Page - Renesas Technology Corp PD720202 Datasheet HTML 2Page - Renesas Technology Corp PD720202 Datasheet HTML 3Page - Renesas Technology Corp PD720202 Datasheet HTML 4Page - Renesas Technology Corp PD720202 Datasheet HTML 5Page - Renesas Technology Corp PD720202 Datasheet HTML 6Page - Renesas Technology Corp PD720202 Datasheet HTML 7Page - Renesas Technology Corp PD720202 Datasheet HTML 8Page - Renesas Technology Corp PD720202 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
μPD720201/μPD720202
1. OVERVIEW
R19DS0047EJ0500 Rev. 5.00
Page 2 of 40
Jan. 17, 2013
Small and low count pin package with improved signal pin assignment for efficient PCB layout
-
μPD720201 adopts 68pin QFN (8 x 8)
-
μPD720202 adopts 48pin QFN (7 x 7)
3.3 V and 1.05 V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com