Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 24Page - Renesas Technology Corp PD720202 Datasheet HTML 25Page - Renesas Technology Corp PD720202 Datasheet HTML 26Page - Renesas Technology Corp PD720202 Datasheet HTML 27Page - Renesas Technology Corp PD720202 Datasheet HTML 28Page - Renesas Technology Corp PD720202 Datasheet HTML 29Page - Renesas Technology Corp PD720202 Datasheet HTML 30Page - Renesas Technology Corp PD720202 Datasheet HTML 31Page - Renesas Technology Corp PD720202 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 28 of 40
Jan. 17, 2013
3.8.9
USB2.0 interface
(Refer to Universal Serial Bus Specification Revision 2.0 for more information)
Table 3-21.
Low-Speed Source Electrical Characteristics
Parameter
Symbol
Min
Max
Units
Driver Characteristics:
Transition Time:
Rise Time
Fall Time
T
LR
T
LF
75
75
300
300
ns
ns
Rise and Fall Time Matching
T
LRFM
80
125
%
Clock Timings:
Low-Speed Data Rate
T
LDRATHS
1.49925
1.50075
Mb/s
Low-Speed Data Timing:
Source Jitter for Differential
Transition to SE0 Transition
T
LDEOP
−40
100
ns
Source Jitter total (including
frequency tolerance):
To Next Transition
For Paired Transitions
T
DDJ1
T
DDJ2
−25
−14
25
14
ns
ns
Differential Receiver Jitter:
To Next Transition
For Paired Transitions
T
UJR1
T
UJR2
−152
−200
152
200
ns
ns
Source SE0 interval of EOP
T
LEOPT
1.25
1.50
μs
Receiver SE0 interval of EOP
T
LEOPR
670
ns
Width of SE0 interval during
differential transition
T
LST
210
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com