Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 13Page - Renesas Technology Corp PD720202 Datasheet HTML 14Page - Renesas Technology Corp PD720202 Datasheet HTML 15Page - Renesas Technology Corp PD720202 Datasheet HTML 16Page - Renesas Technology Corp PD720202 Datasheet HTML 17Page - Renesas Technology Corp PD720202 Datasheet HTML 18Page - Renesas Technology Corp PD720202 Datasheet HTML 19Page - Renesas Technology Corp PD720202 Datasheet HTML 20Page - Renesas Technology Corp PD720202 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 17 of 40
Jan. 17, 2013
3.8
AC Characteristics
3.8.1
System Clock
Table 3-9.
System clock (XT1/XT2) ratings
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Clock frequency
F
CLK
Crystal
−100
ppm
24
+100
ppm
MHz
Clock duty cycle
T
DUTY
40
50
60
%
Remark Required accuracy of crystal or oscillator block includes initial frequency accuracy, the spread of Crystal
capacitor loading, supply voltage, temperature and aging, etc.
3.8.2
PCI Express Reference Clock
Table 3-10.
PCI Express Interface - Reference Clock (PECLKP and PECLKN) Timings
Parameter
Symbol
Condition
Min.
Max.
Units
Rising Edge Rate
T
RISE
See Figure 3-5
0.6
4.0
V/ns
Falling Edge Rate
T
FALL
See Figure 3-5
0.6
4.0
V/ns
Differential Input High Voltage
V
IH
See Figure 3-8
+150
mV
Differential Input Low Voltage
V
IL
See Figure 3-8
−150
mV
Absolute crossing point voltage
V
CROSS
See Figure 3-3
+250
+550
mV
Variation of V
CROSS over all rising clock edge
V
CROSS DELTA
See Figure 3-4
+140
mV
Ring-back Voltage Margin
V
RB
See Figure 3-8
−100
+100
mV
Time before V
RB is allowed
T
STABLE
See Figure 3-8
500
ps
Average Clock Period Accuracy
T
PERIOD AVG
−300
+2800
ppm
Absolute Period (including Jitter and
Spread Spectrum)
T
PERIOD ABS
9.847
10.203
ns
Cycle to Cycle Jitter
V
CCJITTER
150
ps
Absolute Max input voltage
V
MAX
See Figure 3-3
+1.15
V
Absolute Min input voltage
V
MIN
See Figure 3-3
−0.3
V
Duty Cycle
See Figure 3-6
40
60
%
Rising edge rate (PECLKP) to falling edge
rate (PECLKN) matching
See Figure 3-7
20
%
Clock source DC impedance
Z
C-DC
See Figure 3-2
40
60
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com