Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 26Page - Renesas Technology Corp PD720202 Datasheet HTML 27Page - Renesas Technology Corp PD720202 Datasheet HTML 28Page - Renesas Technology Corp PD720202 Datasheet HTML 29Page - Renesas Technology Corp PD720202 Datasheet HTML 30Page - Renesas Technology Corp PD720202 Datasheet HTML 31Page - Renesas Technology Corp PD720202 Datasheet HTML 32Page - Renesas Technology Corp PD720202 Datasheet HTML 33Page - Renesas Technology Corp PD720202 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 30 of 40
Jan. 17, 2013
Table 3-23.
Hi-Speed Source Electrical Characteristics
Parameter
Symbol
Min
Max
Units
Driver Characteristics:
Rise Time (10% - 90%)
T
HSR
500
ps
Fall Time (10% - 90%)
T
HSF
500
ps
Driver waveform requirements
See Figure 3-15
Clock Timings:
Hi-Speed Data Rate
T
HSDRAT
497.760
480.240
Mb/s
Microframe Interval
T
HSFRAME
124.9375
125.0625
μs
Consecutive Microframe Interval
Difference
T
HSRFI
4 Hi-Speed bit
times
Hi-Speed Data Timing:
Data source jitter
See Figure 3-15
Receiver jitter tolerance
See Figure 3-13
Table 3-24.
Hub Event Timings
Parameter
Symbol
Min
Max
Units
Time to detect a downstream facing
port connect event
T
DCNN
2.5
2000
μs
Time to detect a disconnect event at
a hub’s downstream facing port
T
DDIS
2
2.5
μs
Duration of driving resume to a
downstream port
T
DRSMDN
20
ms
Time from detecting downstream
resume to rebroadcast
T
URSM
1.0
ms
Inter-packet delay for packets
traveling in same direction
T
HSIPDSD
88
Bit
times
Inter-packet delay for packets
traveling in opposite direction
T
HSIPDOD
8
Bit
times
Inter-packet delay for root hub
response for Hi-Speed
T
HSRSPIPD1
192
Bit
times
Time for which a Chirp J or Chirp K
must be continuously detected by
hub during Reset handshake
T
FILT
2.5
μs
Time after end of device Chirp K by
which hub must start driving first
Chirp K in the hub’s chirp sequence
T
DCHBIT
100
μs
Time for which each individual Chirp
J or Chirp K in the chirp sequence is
driven downstream by hub during
reset
T
DCHBIT
40
60
μs
Time before end of reset by which a
hub must end its downstream chirp
sequence
T
DCHSE0
100
500
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com