Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 19Page - Renesas Technology Corp PD720202 Datasheet HTML 20Page - Renesas Technology Corp PD720202 Datasheet HTML 21Page - Renesas Technology Corp PD720202 Datasheet HTML 22Page - Renesas Technology Corp PD720202 Datasheet HTML 23Page - Renesas Technology Corp PD720202 Datasheet HTML 24Page - Renesas Technology Corp PD720202 Datasheet HTML 25Page - Renesas Technology Corp PD720202 Datasheet HTML 26Page - Renesas Technology Corp PD720202 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 23 of 40
Jan. 17, 2013
(2/2)
Parameter
Symbol
2.5GT/s
5.0GT/S.
Units
Tx AC common mode voltage
(5GT/s)
V
TX-CM-AC-PP
Not specified
100(max)
mVPP
Tx AC common mode voltage
(2.5GT/s)
V
TX-CM-AC-P
20
Not specifed
mV
Transmitter short-circuit current limit
I
TX-SHORT
90(max)
90(max)
mA
Transmitter DC common-mode
voltage
V
TX-DC-CM
0(min)
3.6(max)
0(min)
3.6(max)
V
Absolute Delta of DC Common Mode
Voltage during L0 and Electrical Idle
V
TX-CM-DC-ACTIVE-
IDLE-DELTA
0(min)
100(max)
0(min)
100(max)
mV
Absolute Delta of DC Common Mode
Voltage between PETXP and PETXN
V
TX-CM-DC-LINE-DELTA
0(min)
25(max)
0(min)
25(max)
mV
Electrical Idle Differential Peak
Output Voltage
V
TX-IDLE-DIFF-AC-p
0(min)
20(max)
0(min)
20(max)
mV
DC Electrical Idle Differential Output
Voltage
V
TX-IDLE-DIFF-DC
Not specified
0(min)
5(max)
mV
The amount of voltage change
allowed during Receiver Detection
V
TX-RCV-DETECT
600(max)
600(max)
mV
Minimum time spent in Electrical Idle
T
TX-IDLE-MIN
20(min)
20(min)
ns
Maximum time to transition to a valid
Electrical Idle after sending an EIOS
T
TX-IDLE-SET-TO-IDLE
8(max)
8(max)
ns
Maximum time to transition to valid
diff signaling after leaving Electrical
Idle
T
TX-IDLE-TO-DIFF-DATA
8(max)
8(max)
ns
Crosslink random timeout
T
CROSSLINK
1.0(max)
1.0(max)
ns
Lane-to-Lane Output Skew
L
TX-SKEW
500ps + 2UI(max)
500ps + 4UI(max)
ps
AC Coupling Capacitor
C
TX
75(min)
200(max)
75(min)
200(max)
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com