Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3607 Datasheet(PDF) 7 Page - ams AG

Part # AS3607
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3607 Datasheet(HTML) 7 Page - ams AG

Back Button AS3607 Datasheet HTML 3Page - ams AG AS3607 Datasheet HTML 4Page - ams AG AS3607 Datasheet HTML 5Page - ams AG AS3607 Datasheet HTML 6Page - ams AG AS3607 Datasheet HTML 7Page - ams AG AS3607 Datasheet HTML 8Page - ams AG AS3607 Datasheet HTML 9Page - ams AG AS3607 Datasheet HTML 10Page - ams AG AS3607 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
6 - 70
AS3606 AS3607 2v2
Data Sheet - P i n A s s i g n m e n t s
4.1 Pin Descriptions
Note:
Pin description may change in preliminary data sheets.
Table 1. Pin Description for AS3606/07
Pin Name
Pin Number
Type
Description
if not used
AS3606 AS3607
VBATSW
-
1
SUP IO
Battery Switch Terminal to be connected to the Li-Ion battery
open
VSUPSW
1
2
SUP IO
Battery Switch Terminal to be connected to system supplies VSUPx
always needed
VUSB
2
3
SUP IN
Charger or USB Bus Power Input
open
BATTEMP
4
4
ANA IO
Li-Ion Charger Battery Temp. Sensor Input
open
EXTBATSW
3
5
ANA OUT
External Battery Switch Gate Driver Output
open
VDD27
5
6
SUP IO
LDO5 Output default 2.7V
always needed
PVDD4
-
7
ANA OUT
LDO4 Output
open
VSUP5
6
8
SUP IN
LDO3/4 & LDO5 Pos. Supply Terminal, connect to VSUPSW
always needed
PVDD3
7
9
ANA OUT
LDO3 Output
open
PVDD2
8
10
ANA OUT
LDO2 Output
open
PVDD1
9
11
ANA OUT
LDO1 Output
open
VSUP4
10
12
SUP IN
LDO1/2 Pos. Supply Terminal
always needed
VSUP1
11
13
SUP IN
CVDD1 Step Down Pos. Supply Terminal
always needed
LXC1
12
14
DIG OUT
CVDD1 Step Down Switch Output to Coil
open
CVDD1
13
15
ANA IN
CVDD1 and Feedback Pin
open
CURR2
14
16
ANA IO
Load Current Sink2 Terminal
open
CURR1
15
17
ANA IO
Load Current Sink1 Terminal
open
LXSU
16
18
DIG OUT
DCDC Step-Up Switch Output to Coil
open
FBSU
17
19
ANA IN
DCDC Step-Up Feed-Back
open
GPIO4
-
20
ANA IO
General Purpose IO 4
open
GPIO2
18
21
ANA IO
General Purpose IO 2
open
GPIO1
19
22
ANA IO
General Purpose IO 1
open
GPIO3
-
23
ANA IO
General Purpose IO 3
open
CSCL
20
24
DIG IN
2-wire SERIF Clock Input
open
CSDA
21
25
DIG IO
2-wire SERIF Data I/O
open
PWRUP
22
26
DIG IN
Power Up Input
open
XIRQ
23
27
DIG OUT
Interrupt Request Output
open
XRES
24
28
DIG IO
Reset Output
open
DVDD
25
29
SUP IN
Digital Periphery Pos. Supply Terminal
always needed
VSUP3
26
30
SUP IN
CVDD3 Step Down Pos. Supply Terminal
VSUPx
LXC3
27
31
DIG OUT
CVDD3 Step Down Switch Output to Coil
open
CVDD3
28
32
ANA IN
CVDD3 and Feedback Pin
open
CVDD2
29
33
ANA IN
CVDD2 and Feedback Pin
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com