Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3607 Datasheet(PDF) 23 Page - ams AG

Part # AS3607
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3607 Datasheet(HTML) 23 Page - ams AG

Back Button AS3607 Datasheet HTML 19Page - ams AG AS3607 Datasheet HTML 20Page - ams AG AS3607 Datasheet HTML 21Page - ams AG AS3607 Datasheet HTML 22Page - ams AG AS3607 Datasheet HTML 23Page - ams AG AS3607 Datasheet HTML 24Page - ams AG AS3607 Datasheet HTML 25Page - ams AG AS3607 Datasheet HTML 26Page - ams AG AS3607 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
22 - 70
AS3606 AS3607 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M anage ment F uncti ons
8.4 Charger
This block can be used to charge a 4V Li-Ion accumulator. It supports constant current and constant voltage charging modes with adjustable
charging currents (94 to 1000mA) and maximum charging voltage (3.9 to 4.25V).
The charger consists basically of a pre-regulator, which limits the current from e.g. the USB input and provides a constant VSUP after reaching
EOC (end of charge) and the battery switch, which is controlling the current into the battery.
Input Voltage of the pre-regulator: VUSB
Output of the pre-regulator and input for the battery switch and system supply: VSUPSW
Output of the battery switch and battery terminal: VBATSW
CVM (constant voltage), CCM (constant current) and trickle charging
Adjustable EOC voltage and EOC current limit
Selectable input -, trickle- and charging-current limit
Auto-resume with selectable resume voltage level
Charger time-out supervision with selectable time-out setting
Battery temperature supervision supporting two levels (45 or 50ºC) and 100k or 10k NTC types
No battery detection
Status register and interrupt generation
Per default the USB current limit is set to 470mA and the charger is switched off.
The current battery and charger input voltage can be measured with the general purpose ADC.
Figure 12. Charger Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com