Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3607 Datasheet(PDF) 19 Page - ams AG

Part # AS3607
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3607 Datasheet(HTML) 19 Page - ams AG

Back Button AS3607 Datasheet HTML 15Page - ams AG AS3607 Datasheet HTML 16Page - ams AG AS3607 Datasheet HTML 17Page - ams AG AS3607 Datasheet HTML 18Page - ams AG AS3607 Datasheet HTML 19Page - ams AG AS3607 Datasheet HTML 20Page - ams AG AS3607 Datasheet HTML 21Page - ams AG AS3607 Datasheet HTML 22Page - ams AG AS3607 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
18 - 70
AS3606 AS3607 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M anage ment F uncti ons
Figure 9. DCDC Step-down Performance Characteristics
DCDC buck Efficiency @2MHz, 3.6V VSUPx
60,00
65,00
70,00
75,00
80,00
85,00
90,00
95,00
100,00
1
10
100
1000
Output Current [mA]
CVDD1 @ 1,2V Vout
CVDD1 @ 1,8V Vout
CVDD1 @ 3V Vout
Output voltage vs. Output Current
1,175
1,185
1,195
1,205
1,215
1,225
0
50
100
150
200
250
OUTPUT CURRENT [mA]
VIN=3.6V
Line Regulation
1,195
1,2
1,205
1,21
1,215
3
3,4
3,8
4,2
4,6
5
INPUT VOLTAGE [V]
VOUT=1.2V
IOUT=0mA
IOUT=125mA
IOUT=250mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com