Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3607 Datasheet(PDF) 30 Page - ams AG

Part # AS3607
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3607 Datasheet(HTML) 30 Page - ams AG

Back Button AS3607 Datasheet HTML 26Page - ams AG AS3607 Datasheet HTML 27Page - ams AG AS3607 Datasheet HTML 28Page - ams AG AS3607 Datasheet HTML 29Page - ams AG AS3607 Datasheet HTML 30Page - ams AG AS3607 Datasheet HTML 31Page - ams AG AS3607 Datasheet HTML 32Page - ams AG AS3607 Datasheet HTML 33Page - ams AG AS3607 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
29 - 70
AS3606 AS3607 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - S Y S T E M F u n c t i o n s
9.5 10-Bit ADC
This general purpose ADC can be used for measuring several voltages and currents to perform functions like battery monitor, temperature
supervision, button press detection, etc.
9.5.1 Input Sources
9.5.2 Parameter
VDD27=2.7, TA= 25ºC, unless otherwise specified.
Table 12. ADC10 Input Sources
#
Source
Range
LSB
Description
0
VSUP
5.120V
5mV
check main system supply voltage
1
GPIO3
5.120V
5mV
2
GPIO4
5.120V
5mV
3
VBATSW
5.120V
5mV
check battery voltage of 4V Li-Ion accumulator
4
VUSB
5.120V
5mV
check USB/charger input voltage
5
5.120V
5mV
Source defined by DC_TEST in register 18h
6
BATTEMP
2.048V
2mV
check battery charging temperature
7
GPIO1
5.120V
5mV
8
GPIO2
5.120V
5mV
9
PWRUP
5.120V
5mV
A
2mV
reserved
B
2mV
reserved
C
VBE_1µA
1.024
1mV
measuring basis-emitter voltage of temperature sense transistor;
Tj = (674 - ADC10<9:0>) / 2
D
VBE_2µA
1.024
1mV
measuring basis-emitter voltage of temperature sense transistor;
Tj = (694 - ADC10<9:0>) / 2
E
1mV
reserved
F
1mV
reserved
Table 13. ADC10 Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
ADCFS
ADC Full Scale Range
2.16
V
TCON
Conversion Time
-34
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com