Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3607 Datasheet(PDF) 27 Page - ams AG

Part # AS3607
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3607 Datasheet(HTML) 27 Page - ams AG

Back Button AS3607 Datasheet HTML 23Page - ams AG AS3607 Datasheet HTML 24Page - ams AG AS3607 Datasheet HTML 25Page - ams AG AS3607 Datasheet HTML 26Page - ams AG AS3607 Datasheet HTML 27Page - ams AG AS3607 Datasheet HTML 28Page - ams AG AS3607 Datasheet HTML 29Page - ams AG AS3607 Datasheet HTML 30Page - ams AG AS3607 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
26 - 70
AS3606 AS3607 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - S Y S T E M F u n c t i o n s
9 Detailed Description - SYSTEM Functions
9.1 SYSTEM
The system block handles the power up, power down and regulator voltage settings of the PMU.
9.1.1 Power Up/Down Conditions
The chip powers up when one of the following conditions is true:
The chip automatically shuts off if one of the following conditions arises:
9.1.2 Start-up Sequence
The start-up sequence is defined in the boot ROM and will be fixed during the production test.
The sequence and voltage of the regulators can be freely chosen for the start-up sequence with the following limitations:
VDD27 will always start-up, after a ~5ms delay the sequencer will start-up the other chosen regulators with either 0, 1 or 4ms delay each.
A maximum of 6 regulators (no matter of DCDC or LDO) or 5 regulators and a changed GPIO configuration can be chosen for the start-up.
On a 7th time-slot PVDD2 can be started-up, but has reduced setting on the output voltage
PWRGOOD will be activated ~3ms after the last regulator.
XRES will be released 10ms to 110ms (set in the boot ROM) after the last regulator started up.
Table 9. Power UP Conditions
#
Source
Description
1
PWRUP PwUp
ON_KEY High Level at PWRUP pin of >= 1/3 VBATSW
2
VBUS PwUp
USB Plug-In …. High level at VBUS pin of >= 4.5V and >2.7V on VSUP5
Table 10. Power DOWN Conditions
#
Source
Description
1
SERIF MAJOR PwDn
Power-Down by SERIF writing 0h to register 20h
2
Emergency PwDn
Power-Down if PWRUP pin is HIGH for 8sec.
This has to be enabled in register 21h, per default a reset cycle is initiated. It can also be changed to 4s.
3
SERIF Watch-Dog PwDn
write 3h to reg. 20h … enable SERIF watch-dog
Power-Down if no SERIF read is seen for 500ms.
4
Junction-Temp PwDn
Power-Down if junction temperature rises up to 140degC.
This threshold can be lowered with bits <4:0> in reg 21h.
This supervisor can be disabled with bit 2 in reg. 20h.
5
VDD27 LOW PwDn
Power-Down if VDD27 LDO5 has 10% under-voltage for more than 680µs.
This supervisor can get disabled with bit 6 in reg. 21h.
6
CVDD1 LOW PwDn
Power-Down if enabled with bit 7 in reg. 23h and
CVDD1 DCDC has 10% under-voltage for more than 680µs.
7
CVDD2 LOW PwDn
Power-Down if enabled with bit 5 in reg. 23h and
CVDD2 DCDC has 10% under-voltage for more than 680µs.
8
CVDD3 LOW PwDn
Power-Down if enabled with bit 3 in reg. 23h and
CVDD3 DCDC has 10% under-voltage for more than 680µs.
9
VSUP LOW PwDn
Power-Down if VSUPx goes below the defined level in Reg22h (bits <3:1>)
This supervisor has to be enabled with bit 4 in reg. 22h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com