Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3607 Datasheet(PDF) 17 Page - ams AG

Part # AS3607
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3607 Datasheet(HTML) 17 Page - ams AG

Back Button AS3607 Datasheet HTML 13Page - ams AG AS3607 Datasheet HTML 14Page - ams AG AS3607 Datasheet HTML 15Page - ams AG AS3607 Datasheet HTML 16Page - ams AG AS3607 Datasheet HTML 17Page - ams AG AS3607 Datasheet HTML 18Page - ams AG AS3607 Datasheet HTML 19Page - ams AG AS3607 Datasheet HTML 20Page - ams AG AS3607 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
16 - 70
AS3606 AS3607 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M anage ment F uncti ons
8.2.1 Functional Description
The step-down converter is a high efficiency fixed frequency current mode regulator. By using low resistance internal PMOS and NMOS switches
efficiency up to 97% can be achieved. The fast switching frequency allows using small inductors, without increasing the current ripple. The
unique feedback and regulation circuit guarantees optimum load and line regulation over the whole output voltage range, up to an output current
of 700mA, with an output capacitor of only 10µF. The implemented current limitation protects the DCDC and the coil during overload condition.
To achieve optimized performance in different applications, adjustable settings allow to compromise between high efficiency and low input,
output ripple:
Low Ripple, Low Noise Operation (current force mode = OFF). In this mode there is no minimum coil current necessary before
switching off the PMOS. As result, the ON time of the PMOS will be reduced down to tmin_on at no or light load conditions, even if the coil
current is very small or the coil current is inverted. This results in a very low ripple and noise, but decreased efficiency, at light loads, especially at
low input to output voltage differences. In the case of an inverted coil current the regulator will not operate in pulse skip mode.
Figure 7. DCDC Buck with Disabled Current Force / Pulse Skip Mode
High Efficiency Operation (current force mode = ON). In this mode, there is a minimum coil current necessary before switching off the
PMOS. As result, fewer pulses at low output loads are necessary, and therefore the efficiency at low output load is increased. On the other hand
the output voltage ripple increases, and the noisy pulse skip operation is on up to a higher output current.
Figure 8. DCDC Buck with Enabled Current Force / Pulse Skip Mode
It’s also possible to switch between these two modes dynamically during operation.
1: LXC1 voltage
2: Coil current (1mV=1mA)
3: Output voltage
1: LXC1 voltage
2: Coil current (1mV=1mA)
3: Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com