Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3607 Datasheet(PDF) 53 Page - ams AG

Part # AS3607
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3607 Datasheet(HTML) 53 Page - ams AG

Back Button AS3607 Datasheet HTML 49Page - ams AG AS3607 Datasheet HTML 50Page - ams AG AS3607 Datasheet HTML 51Page - ams AG AS3607 Datasheet HTML 52Page - ams AG AS3607 Datasheet HTML 53Page - ams AG AS3607 Datasheet HTML 54Page - ams AG AS3607 Datasheet HTML 55Page - ams AG AS3607 Datasheet HTML 56Page - ams AG AS3607 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
52 - 70
AS3606 AS3607 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 41. BOOST_Cntr2 Register
Name
Base
Default
BOOST_Cntr2
2-wire serial
00h
Offset: 1Bh-2
DCDC step-up Control Register 2
This is an extended register and needs to be enabled by writing 010b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:3
SU_IFB<4:0>
0 0000
R/W
Defines the tuning current at pin FBSU.
0x00: 0µA
0x01: 1µA
0x02: 2µA
...
0x1F: 31µA
2
SU_CURRLIM
0
R/W
Selects the DCDC step-up converter coil current limit
0: normal current limit
1: current limit increased by about 50%
1
SU_GAIN
0
R/W
DCDC step-up converter feedback gain is selected automatically depending
on current or voltage feedback mode. Setting this bit to “1” will choose the
alternative feedback gain setting.
0
SU_FREQ
00
R/W
Defines the DCDC step-up switching frequency
0: 1MHz
1: 500kHz
Table 42. CURR1 Register
Name
Base
Default
CURR1
2-wire serial
00h
Offset: 1Bh-3
Current Sink 1 Register
This is an extended register and needs to be enabled by writing 011b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:0
ICURR1<7:0>
0x00
R/W
Sets the current for current sink 1 in 255 steps with 140.626µA stepsize
0x00: Current sink 1 switched off
0x01: 0.15 mA
0x02: 0.30 mA
0x03: 0.45 mA
..
0xFE: 38,10 mA
0xFF: 38.25 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com