Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3607 Datasheet(PDF) 25 Page - ams AG

Part # AS3607
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3607 Datasheet(HTML) 25 Page - ams AG

Back Button AS3607 Datasheet HTML 21Page - ams AG AS3607 Datasheet HTML 22Page - ams AG AS3607 Datasheet HTML 23Page - ams AG AS3607 Datasheet HTML 24Page - ams AG AS3607 Datasheet HTML 25Page - ams AG AS3607 Datasheet HTML 26Page - ams AG AS3607 Datasheet HTML 27Page - ams AG AS3607 Datasheet HTML 28Page - ams AG AS3607 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
24 - 70
AS3606 AS3607 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M anage ment F uncti ons
8.4.6 Charger Modes
Figure 14. Charger Modes
8.4.7 Parameter
VDD27=2.7, TA= 25ºC, unless otherwise specified.
Table 8. Charger Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
ICHG (0-7)
Charging Current
@ 470mA
INOM
-8%
INOM
INOM
+8%
mA
VCHG (0-7)
Charging Voltage
end of charge is true
VNOM
-50mV
VNOM
VNOM
+33mV
V
VON_ABS
Charger On Voltage Detection
rising edge on VUSB start
0.8
V
rising edge on VUSB end
3.5V
V
VON_REL
VUSB-VBATSW
170
240
mV
VOFF_REL
VUSB-VBATSW
50
mV
VBATTEMP_ON
Battery Temp. high level
(45 or 55ºC)
VSUP >3V
NTCbeta=4200
610 or
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com