Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3607 Datasheet(PDF) 54 Page - ams AG

Part # AS3607
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3607 Datasheet(HTML) 54 Page - ams AG

Back Button AS3607 Datasheet HTML 50Page - ams AG AS3607 Datasheet HTML 51Page - ams AG AS3607 Datasheet HTML 52Page - ams AG AS3607 Datasheet HTML 53Page - ams AG AS3607 Datasheet HTML 54Page - ams AG AS3607 Datasheet HTML 55Page - ams AG AS3607 Datasheet HTML 56Page - ams AG AS3607 Datasheet HTML 57Page - ams AG AS3607 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
53 - 70
AS3606 AS3607 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 43. CURR2 Register
Name
Base
Default
CURR2
2-wire serial
00h
Offset: 1Bh-4
Current Sink 2 Register
This is an extended register and needs to be enabled by writing 100b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:0
ICURR2<7:0>
0x00
R/W
Sets the current for current sink 2 in 255 steps with 140.626µA stepsize
0x00: Current sink 2 switched off
0x01: 0.141 mA
0x02: 0.281 mA
0x03: 0.422 mA
..
0xFE: 35,72 mA
0xFF: 35.86 mA
Table 44. PMU_Enable Register
Name
Base
Default
PMU_Enable
2-wire serial
00h
Offset: 1Ch
PMU_Enable Register
Selects the extended register on address 17h to 1Bh and enables writing to these PMU register. It also
sets the ADC10 multiplexer to measure various regulator voltages
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:4
DC_TEST_MUX
<3:0>
0000
R/W
Allows multiplexing internal and external supply voltages to one DC test
node which can be further multiplexed to the ADC10. The accuracy is 5mV/
LSB (see reg. 2Eh)
0x0: open
0x1: PVDD1
0x2: PVDD2
0x3: PVDD3
0x4: PVDD4
0x5: VDD27
0x6: CVDD1
0x7: CVDD2
0x8: CVDD3
0x9-0xF: n/a
3
PMU_GATE
0
R/W
Enables all settings made in registers 17h to 1Bh at once. If this bit is set,
changes are activated as soon as they are written to the related register.
0: no change
1: change at once
2:0
PMU_ENABLE
<2:0>
000
R/W
Selects extended registers 17h to 1Bh for the next read or write. This register
has to be set before every read or write even if the selection is not changing.
0: 19h-0 selected
1: 17h-1 to 1Bh-1 selected
2: 17h-2 to 1Bh-2 selected
...
7: 17h-7 to 1Bh-7 selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com