Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3607 Datasheet(PDF) 24 Page - ams AG

Part # AS3607
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3607 Datasheet(HTML) 24 Page - ams AG

Back Button AS3607 Datasheet HTML 20Page - ams AG AS3607 Datasheet HTML 21Page - ams AG AS3607 Datasheet HTML 22Page - ams AG AS3607 Datasheet HTML 23Page - ams AG AS3607 Datasheet HTML 24Page - ams AG AS3607 Datasheet HTML 25Page - ams AG AS3607 Datasheet HTML 26Page - ams AG AS3607 Datasheet HTML 27Page - ams AG AS3607 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
23 - 70
AS3606 AS3607 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M anage ment F uncti ons
Figure 13. Charger States
8.4.1 Soft Charge/Trickle Charge
If the battery and therefore VBATSW is below 3V the charger is working in a fixed soft charge mode with a smaller trickle charging current of 24-
265mA. After reaching the 3V level the charger switches to the constant current mode with the programmed charging current.
8.4.2 End of Charge Detection
For the EOC level 4 presets can be selected. This makes it possible to monitor the charging progress also during constant voltage mode. If the
EOC level is reached an interrupt can be generated, but it is also possible to poll the charger status bits at any time.
8.4.3 VSUPSW and Temperature Supervision
The charger will automatically reduce the charging current if VSUPSW drops below the selected level. It will automatically stop charging when
the chip temperature gets too to hot. The charger will return to normal operation as defined in the charger registers if VSUPSW and the chip
temperature return to their normal operating range.
8.4.4 Battery Temperature Supervision
This charger block also features a supply for an external NTC resistor to measure the battery temperature while charging. If the temperature is
too high (voltage on BATTEMP pin is below VBATTEMP_ON) the charger will stop operation. If needed an interrupt can be generated based on
this event. When the battery temperature drops the charger the voltage on BATTEMP pin will rise above VBATTEMP_OFF and the charger will
start charging again. This is forming a temperature hysteresis of about 3 to 5°C to avoid an oscillation of the charger.
The levels for switching off the charger (45ºC or 55ºC) as well as the type of NTC (10k or 100k) can be selected via register settings. The battery
temperature supervision via the NTC can be switched off (NTC_ON = 0).
The supply for the NTC will be only on when a charger is detected and NTC_ON bit is set.
8.4.5 No Battery Detection
If the charger state machine reaches EOC 2 times within a very short period it assumes that there is no battery connected to the VBATSW
terminal.
After this a sensing current of 1uA is applied to the BATTEMP pin to detect if a battery is reconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com