Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 31 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 27Page - Texas Instruments DAC5687IPZP Datasheet HTML 28Page - Texas Instruments DAC5687IPZP Datasheet HTML 29Page - Texas Instruments DAC5687IPZP Datasheet HTML 30Page - Texas Instruments DAC5687IPZP Datasheet HTML 31Page - Texas Instruments DAC5687IPZP Datasheet HTML 32Page - Texas Instruments DAC5687IPZP Datasheet HTML 33Page - Texas Instruments DAC5687IPZP Datasheet HTML 34Page - Texas Instruments DAC5687IPZP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 79 page
background image
www.ti.com
Register Name: DAC_CLK_CNTL—Address: 0x1A, Default = 0x00
Register Name: ATEST—Address: 0x1B, Default = 0x00
Register Name: DAC_TEST—Address: 0x1C, Default = 0x00
Address: 0x1D, 0x1E, and 0x1F – Reserved
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
BIT 7
BIT 0
Factory use only
0
0
0
0
0
0
0
0
Reserved for factory use only.
BIT 7
BIT 0
atest(4:0)
phstr_del(1:0)
unused
0
0
0
0
0
0
0
0
atest(4:0): Can be used to enable clock output at the PLLLOCK pin according to Table 5. Pin EXTLO must be
open when atest(4:0) is not equal to 00000.
Table 5. PLLLOCK Output
atest(4:0)
PLLLOCK Output Signal
PLL Enabled (PLLVDD = 3.3 V)
PLL Disabled (PLLVDD = 0 V)
11101
fDAC
Normal operation
11110
fDAC divided by 2
Normal operation
11111
fDAC divided by 4
Normal operation
All others
Normal operation
phstr_del: Adjusts the initial phase of the fS/2 and fS/4 blocks cmix block after PHSTR.
BIT 7
BIT 0
Factory use only
phstr_clkdiv_sel
0
0
0
0
0
0
0
0
phstr_clkdiv_sel: Selects the clock used to latch the PHSTR input when restarting the internal dividers. When
set, the full DAC sample rate CLK2 signal latches PHSTR, and when cleared, the divided down input clock
signal latches PHSTR.
Writes have no effect and reads are 0x00.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com