Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 51 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 47Page - Texas Instruments DAC5687IPZP Datasheet HTML 48Page - Texas Instruments DAC5687IPZP Datasheet HTML 49Page - Texas Instruments DAC5687IPZP Datasheet HTML 50Page - Texas Instruments DAC5687IPZP Datasheet HTML 51Page - Texas Instruments DAC5687IPZP Datasheet HTML 52Page - Texas Instruments DAC5687IPZP Datasheet HTML 53Page - Texas Instruments DAC5687IPZP Datasheet HTML 54Page - Texas Instruments DAC5687IPZP Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 79 page
background image
www.ti.com
Y0
Y0
Y0
Y0
Y1
Y1
Y1
Y1
Y2
Y2
Y2
Y2
Y3
Y3
Y3
Y3
CLK1
CLK1
CLK1C
CLK1C
CLK2
CLK2
CLK2C
CLK2C
CLK1
CLK1
CLK1C
CLK1C
CLK2
CLK2
CLK2C
CLK2C
Ref
Ref
B0170-01
f
INPUT
f
INPUT
f
INPUT
f
DAC
f
DAC
f
DAC
f
DAC
f
INPUT
f
INPUT
CDC7005
#1
CDC7005
#2
DAC5687
#1
DAC5687
#3
DAC5687
#2
DAC5687
#4
Reference Operation
DAC Transfer Function
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
Figure 58. Block Diagram for Clock Synchronization of Multiple DAC5687 Devices in Dual-Clock Mode
The DAC5687 comprises a band-gap reference and control amplifier for biasing the full-scale output current. The
full-scale output current is set by applying an external resistor RBIAS to pin BIASJ. The bias current IBIAS through
resistor RBIAS is defined by the on-chip band-gap reference voltage and control amplifier. The full-scale output
current equals 16 times this bias current. The full-scale output current IOUTFS can thus be expressed as:
IOUTFS = 16 × IBIAS = 16 × VEXTIO / RBIAS
where VEXTIO is the voltage at terminal EXTIO. The band-gap reference voltage delivers an accurate voltage of
1.2 V. This reference is active when terminal EXTLO is connected to AGND. An external decoupling capacitor
CEXT of 0.1 µF should be connected externally to terminal EXTIO for compensation. The band-gap reference can
additionally be used for external reference operation. In that case, an external buffer with high-impedance input
should be applied in order to limit the band-gap load current to a maximum of 100 nA. The internal reference can
be disabled and overridden by an external reference by connecting EXTLO to AVDD. Capacitor CEXT may hence
be omitted. Terminal EXTIO thus serves as either input or output node.
The full-scale output current can be adjusted from 20 mA down to 2 mA by varying resistor RBIAS or changing the
externally applied reference voltage. The internal control amplifier has a wide input range, supporting the
full-scale output current range of 20 mA.
The CMOS DACs consist of a segmented array of NMOS current sinks, capable of sinking a full-scale output
current up to 20 mA. Differential current switches direct the current of each current source through either one of
the complementary output nodes IOUT1 or IOUT2. Complementary output currents enable differential operation,
thus canceling out common-mode noise sources (digital feedthrough, on-chip and PCB noise), dc offsets,
even-order distortion components, and increasing signal output power by a factor of two.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com