Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 21Page - Texas Instruments DAC5687IPZP Datasheet HTML 22Page - Texas Instruments DAC5687IPZP Datasheet HTML 23Page - Texas Instruments DAC5687IPZP Datasheet HTML 24Page - Texas Instruments DAC5687IPZP Datasheet HTML 25Page - Texas Instruments DAC5687IPZP Datasheet HTML 26Page - Texas Instruments DAC5687IPZP Datasheet HTML 27Page - Texas Instruments DAC5687IPZP Datasheet HTML 28Page - Texas Instruments DAC5687IPZP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
www.ti.com
Register Name: CONFIG0—Address: 0x01, Default = 0x00
Register Name: CONFIG1—Address: 0x02, Default = 0x00
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
BIT 7
BIT 0
pll_div(1:0)
pll_freq
pll_kv
interp(1:0)
inv_plllock
fifo_bypass
0
0
0
0
0
0
0
0
pll_div(1:0): PLL VCO divider; {00 = 1, 01 = 2, 10 = 4, 11 = 8}.
pll_freq: PLL VCO center frequency; {0 = low center frequency, 1 = high center frequency}.
pll_kv: PLL VCO gain; {0 = high gain, 1 = low gain}.
interp(1:0): FIR interpolation; {00 = X2, 01 = X4, 10 = X4L, 11 = X8}. X4 uses lower power than X4L, but fDAC =
320 MHz maximum when NCO or QMC is used.
inv_plllock: Multifunction bit, depending on clock mode
fifo_bypass: When set, the internal four-sample FIFO is disabled. When cleared, the FIFO is enabled.
Table 2. inv_plllock Bit Modes
PLLVDD
dual_clk
inv_plllock
fifo_bypass
DESCRIPTION
0 V
0
0
1
Input data latched on PLLLOCK pin rising edges, FIFO disabled
0 V
0
1
1
Input data latched on PLLLOCK pin falling edges, FIFO disabled
0 V
0
0
0
Input data latched on PLLLOCK pin rising edges, FIFO enabled
and must be synchronized
0 V
0
1
0
Input data latched on PLLLOCK pin falling edges, FIFO enabled
and must be synchronized
0 V
1
0
1
Input data latched on CLK1/CLK1C differential input. Timing
between CLK1 and CLK2 rising edges must be tightly controlled
(500 ps maximum at 500-MHz CLK2). PLLLOCK output signal is
always low. The FIFO is always disabled in this mode.
0 V
1
1
0
Input data latched on CLK1/CLK1C differential input. No phase
relationship required between CLK1 and CLK2. The FIFO is
employed to manage the internal handoff between the CLK1
input clock and the CLK2 derived output clock; the FIFO must
be synchronized. The PLLLOCK output signal reflects the
internally generated FIFO output clock.
0 V
1
0
0
Not a valid setting. Do not use.
0 V
1
1
1
Not a valid setting. Do not use.
3.3 V
X
X
1
Internal PLL enabled, CLK1/CLK1C input differential clock is
used to latch the input data. The FIFO is always disabled in this
mode.
3.3 V
X
X
0
Not a valid setting. Do not use.
BIT 7
BIT 0
qflag
interl
dual_clk
twos
rev_abus
rev_bbus
fir_bypass
full_bypass
0
0
0
0
0
0
0
0
qflag: When set, the QFLAG input pin operates as a B sample indicator when interleaved data is enabled. When
cleared, the TXENABLE rising determines the A/B timing relationship.
interl: When set, interleaved input data mode is enabled; both A and B data streams are input at the DA[15:0]
input pins.
dual_clk: Only used when the PLL is disabled. When set, two differential clocks are used to input the data to the
chip; CLK1/CLK1C is used to latch the input data into the chip and CLK2/CLK2C is used as the DAC
sample clock.
twos: When set, input data is interpreted as 2s complement. When cleared, input data is interpreted as offset
binary.
rev_abus: When cleared, DA input data MSB to LSB order is DA[15] = MSB and DA[0] = LSB. When set, DA
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com