Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 36Page - Texas Instruments DAC5687IPZP Datasheet HTML 37Page - Texas Instruments DAC5687IPZP Datasheet HTML 38Page - Texas Instruments DAC5687IPZP Datasheet HTML 39Page - Texas Instruments DAC5687IPZP Datasheet HTML 40Page - Texas Instruments DAC5687IPZP Datasheet HTML 41Page - Texas Instruments DAC5687IPZP Datasheet HTML 42Page - Texas Instruments DAC5687IPZP Datasheet HTML 43Page - Texas Instruments DAC5687IPZP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
www.ti.com
Σ
I
13
daca_offset
{–4096, –4095, ..., 4095}
B0165−01
Σ
Q
13
dacb_offset
{–4096, –4095, ..., 4095}
Analog DAC Gain
I
fullscale +
16 V
extio
R
BIAS
GAINCODE ) 1
16
B 1 *
FINEGAIN
3072
Clock Modes
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
During the four DAC clock cycles, the partially updated offset register values are summed to the DAC signal.
This can result in offset values during the first three DAC clock cycles that are significantly different from the
starting and ending offset values. For example, Table 11 shows the transition from offset value 1023 to 1025.
The bit changes in each clock cycle are in bold. As can be seen, the transition between 1023 and 1025 results in
offset values of 1023, 1279, and 1039 during the transition.
Table 11. Offset Values During Transition
DAC Clock Cycle
Signed Integer Value
Binary Format
Hexadecimal Format
0
1023 starting value
00 0011 1111 1111
0x03FF
1
1023
00 0011 1111 1111
0x03FF
2
1279
00 0100 1111 1111
0x04FF
3
1039
00 0100 0000 1111
0x040F
4
1025 ending value
00 0100 0000 0001
0x0401
Figure 42. DAC Offset Block
The full-scale DAC output current can be set by programming the daca_gain and dacb_gain registers. The DAC
gain value controls the full-scale output current.
where GAINCODE = daca_gain(11:8) or dacb_gain(11:8) is the coarse gain setting (0 to 15) and FINEGAIN =
daca_gain(7:0) or dacb_gain(7:0) (–128 to 127) is the fine gain setting.
In the DAC5687, the internal clocks (1
×, 2×, 4×, and 8× as needed) for the logic, FIR interpolation filters, and
DAC are derived from a clock at either the input data rate using an internal PLL (PLL clock mode) or DAC output
sample rate (external clock mode). Power for the internal PLL blocks (PLLVDD and PLLGND) are separate from
the other clock generation blocks power (CLKVDD and CLKGND), thus minimizing phase noise within the PLL.
The DAC5687 has three clock modes for generating the internal clocks (1
×, 2×, 4×, and 8× as needed) for the
logic, FIR interpolation filters, and DACs. The clock mode is set using the PLLVDD pin and dual_clk in register
CONFIG1.
40
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com