Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 58 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 54Page - Texas Instruments DAC5687IPZP Datasheet HTML 55Page - Texas Instruments DAC5687IPZP Datasheet HTML 56Page - Texas Instruments DAC5687IPZP Datasheet HTML 57Page - Texas Instruments DAC5687IPZP Datasheet HTML 58Page - Texas Instruments DAC5687IPZP Datasheet HTML 59Page - Texas Instruments DAC5687IPZP Datasheet HTML 60Page - Texas Instruments DAC5687IPZP Datasheet HTML 61Page - Texas Instruments DAC5687IPZP Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
www.ti.com
C1 + t1 1 *
t
2
t
3
C2 +
t
1 * t2
t
3
R1 +
t
32
t
1 (t3 * t2)
t1 +
K
d
Kvco
w2
d
tan f
d )
sec f
d
t2 +
1
w
d
tan f
d )
sec f
d
t3 +
tan f
d )
sec f
d
w
d
DAC5687 Passive Interface to Analog Quadrature Modulators
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
where,
and
charge pump current: iqp = 1 mA
vco gain: KVCO = 2π × GVCO rad/V
FVCO/FDATA: N = {2, 4, 8, 16, 32}
phase detector gain: Kd = iqp × (2 × N) – 1 A/rad
An Excel™ spreadsheet is provided by Texas Instruments for automatically calculating the values for C1, C2,
and R.
Completing the example given previously with:
Parameter
Value
Units
GVCO
1.30E+02
MHz/V
ωd
0.50E+00
MHz
N
4
φd
80
Degrees
The component values are:
C1 (F)
C2 (F)
R (
Ω)
3.74E–08
2.88E–10
9.74E+01
As the PLL characteristics are not sensitive to these components, the closest 20% tolerance capacitor and 1%
tolerance resistor values can be used. If the calculation results in a negative value for C2 or an unrealistically
large value for C1, then the phase margin may need to be reduced slightly.
The DAC5687 has a maximum 20-mA full-scale output and a compliance range of AVDD ±0.5 V. The TRF3701
or TRF3702 analog quadrature modulators (AQM) require a common mode of approximately 3.7 V and 1.5 V to
2-VPP differential swing. A resistive network as shown in Figure 68 can be used to translate the common-mode
voltage between the DAC5687 and TRF3701 or TRF3702. The voltage at the DAC output pins for a full-scale
sine wave is centered at approximately AVDD with a 1-VPP single-ended (2-VPP differential) swing. The voltage at
the TRF3701/2 input pins is centered at 3.7 V and swings 0.76-VPP single-ended (1.52-VPP differential), or 2.4 dB
of insertion loss.
58
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com