Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 22Page - Texas Instruments DAC5687IPZP Datasheet HTML 23Page - Texas Instruments DAC5687IPZP Datasheet HTML 24Page - Texas Instruments DAC5687IPZP Datasheet HTML 25Page - Texas Instruments DAC5687IPZP Datasheet HTML 26Page - Texas Instruments DAC5687IPZP Datasheet HTML 27Page - Texas Instruments DAC5687IPZP Datasheet HTML 28Page - Texas Instruments DAC5687IPZP Datasheet HTML 29Page - Texas Instruments DAC5687IPZP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
www.ti.com
Register Name: CONFIG2—Address: 0x03, Default = 0x80
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
input data MSB to LSB order is reversed, DA[15] = LSB and DA[0] = MSB.
rev_bbus: When cleared, DB input data MSB to LSB order is DB[15] = MSB and DB[0] = LSB. When set, DB
input data MSB to LSB order is reversed, DB[15] = LSB and DB[0]= MSB.
fir_bypass: When set, all interpolation filters are bypassed (interp(1:0) setting has no effect). QMC and NCO
blocks are functional in this mode up to fDAC = 250 MHz, limited by the input data rate.
full_bypass: When set, all filtering, QMC and NCO functions are bypassed.
BIT 7
BIT 0
nco
nco_gain
qmc
cm_mode(3:0)
invsinc
1
0
0
0
0
0
0
0
nco: When set, the NCO is enabled.
nco_gain: When set, the data output of the NCO is increased by 2
×.
qmc: Quadrature modulator gain and phase correction is enabled when set.
cm_mode(3:0): Controls fDAC/2 or fDAC/4 mixer modes for the coarse mixer block.
Table 3. Coarse Mixer Sequences
cm_mode(3:0)
Mixing Mode
Sequence
00XX
No mixing
0100
fDAC/2
DAC A = {–A +A –A +A …}
DAC B = {–B +B –B +B …}
0101
fDAC/2
DAC A = {–A +A –A +A …}
DAC B = {+B –B +B –B …}
0110
fDAC/2
DAC A = {+A –A +A –A …}
DAC B = {–B +B –B +B …}
0111
fDAC/2
DAC A = {+A –A +A –A …}
DAC B = {+B –B +B –B …}
1000
fDAC/4
DAC A = {+A –B –A +B …}
DAC B = {+B +A –B –A …}
1001
fDAC/4
DAC A = {+A –B –A +B …}
DAC B = {–B –A +B +A …}
1010
fDAC/4
DAC A = {–A +B +A –B …}
DAC B = {+B +A –B –A …}
1011
fDAC/4
DAC A = {–A +B +A –B …}
DAC B = {–B –A +B +A …}
1100
–fDAC/4
DAC A = {+A +B –A –B …}
DAC B = {+B –A –B +A …}
1101
–fDAC/4
DAC A = {+A +B –A –B …}
DAC B = {–B +A +B –A …}
1110
–fDAC/4
DAC A = {–A –B +A +B …}
DAC B = {+B –A –B +A …}
1111
–fDAC/4
DAC A = {–A –B +A +B …}
DAC B = {–B +A +B –A …}
invsinc: Enables the invsinc compensation filter when set.
26
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com