Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 43 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 39Page - Texas Instruments DAC5687IPZP Datasheet HTML 40Page - Texas Instruments DAC5687IPZP Datasheet HTML 41Page - Texas Instruments DAC5687IPZP Datasheet HTML 42Page - Texas Instruments DAC5687IPZP Datasheet HTML 43Page - Texas Instruments DAC5687IPZP Datasheet HTML 44Page - Texas Instruments DAC5687IPZP Datasheet HTML 45Page - Texas Instruments DAC5687IPZP Datasheet HTML 46Page - Texas Instruments DAC5687IPZP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
www.ti.com
t
align +
1
2f
CLK2
* 0.5 ns
th
CLK2
CLK1
DA[15:0]
DB[15:0]
∆ < talign
ts
T0002−01
th
CLK1
DA[15:0]
DB[15:0]
ts
T0154−01
Interleave Bus Mode
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
3. PLLVDD = 0 V and dual_clk = 1: DUAL CLOCK MODE
In DUAL CLOCK MODE, the DAC is driven at the DAC sample rate through CLK2/CLK2C and the input data
rate through CLK1/CLK1C. There are two options in dual clock mode: with FIFO (inv_plllock set) and without
FIFO (inv_plllock clear). If the FIFO is not used, the CLK1/CLK1C input is used to set the phase of the internal
clock divider. In this case, the edges of CLK1 and CLK2 must be aligned to within ±talign (Figure 47), defined as
where fCLK2 is the clock frequency at CLK2. For example, talign = 0.5 ns at fCLK2 = 500 MHz and 1.5 ns at fCLK2 =
250 MHz.
If the FIFO is enabled (inv_plllock set) in dual clock mode, then CLK1 is only used as an input latch (Figure 48),
is independent from the internal divided clock generated from CLK2/CLK2C, and there is no alignment
specification. However, the FIFO must be synchronized by one of the methods listed in the SYNC_CNTL
register, and the latency of the DAC can be up to one clock cycle different, depending on the phase relationship
between CLK1 and the internally divided clock.
Figure 47. Dual Clock Mode Without FIFO
Figure 48. Dual Clock Mode With FIFO
The CDC7005 from Texas Instruments is recommended for providing phase-aligned clocks at different
frequencies for this application.
In interleave bus mode, one parallel data stream with interleaved data (I and Q) is input to the DAC5687 on data
bus DA. Interleave bus mode is selected by setting INTERL to 1 in the config_msb register. Figure 49 shows
the DAC5687 data path in interleave bus mode. The interleave bus mode timing diagram is shown in Figure 50.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com