Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 42 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 38Page - Texas Instruments DAC5687IPZP Datasheet HTML 39Page - Texas Instruments DAC5687IPZP Datasheet HTML 40Page - Texas Instruments DAC5687IPZP Datasheet HTML 41Page - Texas Instruments DAC5687IPZP Datasheet HTML 42Page - Texas Instruments DAC5687IPZP Datasheet HTML 43Page - Texas Instruments DAC5687IPZP Datasheet HTML 44Page - Texas Instruments DAC5687IPZP Datasheet HTML 45Page - Texas Instruments DAC5687IPZP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
www.ti.com
CLK1
DA[15:0]
DB[15:0]
ts(DATA)
th(DATA)
A0
A1
A2
AN
AN+1
A3
B0
B1
B2
BN
BN+1
B3
T0039-01
B0053-09
CLK
Buffer
CLK
Buffer
PFD
Charge
Pump
VCO
/1
/2
/4
/8
00
01
10
11
1
0
/2
Data
Latch
1 ´2
´1
0
00
01
10
11
/2
/2
0
1
CLK1
CLK1C
CLK2
LPF
pll_div(1:0)
PLLVDD
PLLLOCK
PLLVDD
DA[15:0]
DB[15:0]
interl
interp(1:0)
f
DAC
f
/2X2
DAC
f
/4
DAC
X4
f
/4
DAC
X4L
f
/8
DAC
X8
Data
Lock
CLK2C
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
A type-four phase-frequency detector (PFD) in the internal PLL compares this reference clock to a feedback
clock and drives the PLL to maintain synchronization between the two clocks. The feedback clock is generated
by dividing the VCO output by 1
×, 2×, 4×, or 8× as selected by the prescaler div(1:0). The output of the prescaler
is the DAC sample rate clock and is divided down to generate clocks at
÷2, ÷4, and ÷8. The feedback clock is
selected by the registers sel(1:0), which is fed back to the PFD for synchronization to the input clock. The
feedback clock is also used for the data input rate, so the ratio of DAC output clock to feedback clock sets the
interpolation rate of the DAC5687. The PLLLOCK pin is an output indicating when the PLL has achieved lock. An
external RC low-pass PLL filter is provided by the user at pin LPF. See the Low-Pass Filter section for
filter-setting calculations. This is the only mode where the LPF filter applies.
Figure 45. Dual-Bus Mode Timing Diagram (PLL Mode)
Figure 46. Clock Generation Architecture in PLL Mode
42
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com