Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 46 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 42Page - Texas Instruments DAC5687IPZP Datasheet HTML 43Page - Texas Instruments DAC5687IPZP Datasheet HTML 44Page - Texas Instruments DAC5687IPZP Datasheet HTML 45Page - Texas Instruments DAC5687IPZP Datasheet HTML 46Page - Texas Instruments DAC5687IPZP Datasheet HTML 47Page - Texas Instruments DAC5687IPZP Datasheet HTML 48Page - Texas Instruments DAC5687IPZP Datasheet HTML 49Page - Texas Instruments DAC5687IPZP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
www.ti.com
PHSTR
Q
D
QFLAG
TXENABLE
DB[15]
DA[15]
Q
D
PLLLOCK
MUX
CLK1
CLK1C
clk_in
MUX
D
PLL VCO
clk_out
sync
sync_fifo(2:0)
1
000
001
010
011
100
101
110
111
Q
resync_fifo_in
CLK2
CLK2C
B0167-01
resync_fifo_out
1
0
Q
D
Q
D
Q
D
Q
D
D Q
D Q
D Q
D Q
D Q
D Q
D Q
D Q
Clock
Generator
{PLLVDD,inv_plllock,dual_clk}
sync_fifo= “100”
DA[15]FirstRisingEdge
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
Initialization of the FIFO block involves selecting and asserting a synchronization source. Initialization causes the
input and output pointers to be forced to an offset of 2; the input pointer is forced to the in_sel_a state, while the
output pointer is forced to the sel_q_c state. This initialization of the input and output pointers can cause
discontinuities in a data stream and should therefore be handled at startup.
Table 12. Synchronization Source Selection
sync_fifo(2:0)
Synchronization Source
000
TXENABLE pin
001
PHSTR pin
010
QFLAG pin
011
DB[15]
100
DA[15] first transition (one shot)
101
Sync now with SIF write (always on)
110
Sync source disabled (always off)
111
Sync now with SIF write (always on)
All possible sync sources are registered with clk_in and then passed through a synchronous rising edge detector.
Figure 53. DAC5687 FIFO Synchronization Source Logic
For example, if TXENABLE is selected as the sync source, a low-to-high transition on the TXENABLE pin causes
the pointers to be initialized.
46
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com