Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 64 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 60Page - Texas Instruments DAC5687IPZP Datasheet HTML 61Page - Texas Instruments DAC5687IPZP Datasheet HTML 62Page - Texas Instruments DAC5687IPZP Datasheet HTML 63Page - Texas Instruments DAC5687IPZP Datasheet HTML 64Page - Texas Instruments DAC5687IPZP Datasheet HTML 65Page - Texas Instruments DAC5687IPZP Datasheet HTML 66Page - Texas Instruments DAC5687IPZP Datasheet HTML 67Page - Texas Instruments DAC5687IPZP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
www.ti.com
fSIG/fDAC
−20
−10
0
10
20
30
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
G040
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
Figure 75. Amplitude Adjustment Factor for fSIG
The steps for calculating the nonharmonic spurious signals are:
1. Find the spurious signal frequencies for the appropriate mode from Figure 70, Figure 71, or Figure 72.
2. Find the amplitude for each spurious frequency for the appropriate mode from Figure 73 or Figure 74.
3. Adjust the amplitude of the spurious signals for fSIG using the adjustment factor in Figure 75.
Consider Example 1 with the following conditions:
1. X4 Mode
2. PLL off
3. Complex output
4. fDAC = 500 MHz
5. fSIG = 160 MHz = 0.32 × fDAC
First, the location of the spurious signals is found for the X4 complex output in Figure 71(a). Three spurious
signals are present in the range –0.5
× f
DAC to 0.5 × fDAC: two from fDAC/4 (35 MHz and –215 MHz) and one from
fDAC/2 (–90 MHz). Consulting Figure 73(c), the raw amplitudes for fDAC/2 and fDAC/4 are 60 and 58 dBc,
respectively. From Figure 75, the amplitude adjustment factor for fSIG = 0.32 × fDAC is estimated at ~1 dB, and so
the fDAC/2 and fDAC/4 are adjusted to 61 and 59 dBc.
Table 16. Example # 1 for Calculating Spurious Signals
Spurious
Frequency
Frequency/fDAC
Raw Amplitude (dBc)
Adjusted Amplitude (dBc)
Signal
(MHz)
fDAC/4
0.07
35
58
59
fDAC/2
–0.18
–90
60
61
fDAC/4
–0.43
–215
58
59
Now consider Example 2 with the following conditions:
1. X2 Mode
2. PLL on
3. Real output
4. fDAC = 400 MHz
5. fSIG = 70 MHz = 0.175 × fDAC
64
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com