Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 70 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 66Page - Texas Instruments DAC5687IPZP Datasheet HTML 67Page - Texas Instruments DAC5687IPZP Datasheet HTML 68Page - Texas Instruments DAC5687IPZP Datasheet HTML 69Page - Texas Instruments DAC5687IPZP Datasheet HTML 70Page - Texas Instruments DAC5687IPZP Datasheet HTML 71Page - Texas Instruments DAC5687IPZP Datasheet HTML 72Page - Texas Instruments DAC5687IPZP Datasheet HTML 73Page - Texas Instruments DAC5687IPZP Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 79 page
background image
www.ti.com
Application Example: CMTS/VOD Transmitter
B0044-01
y2
DAC
Ch2
Ch1
GC5016
DUC
DAC5687
CDC7005
y2
DUC
DUC
DUC
DAC
QAM1
QAM2
QAM3
QAM4
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
The exceptional SNR of the DAC5687 enables a dual-cable modem termination system (CMTS) or video on
demand (VOD) QAM transmitter in excess of the stringent DOCSIS specification, with > 74 dBc and 75 dBc in
the adjacent and alternate channels.
A typical system using the DAC5687 for a cost-optimized dual-channel two-QAM transmitter is shown in
Figure 81. A GC5016 would take four separate symbol rate inputs and provide pulse shaping and interpolation to
~128 MSPS. The four QAM carriers would be combined into two groups of two QAM carriers with intermediate
frequencies of approximately 30 MHz to 40 MHz. The GC5016 would output two real data streams to one
DAC5687. The DAC5687 would function as a dual-channel device and provide 2
× interpolation to increase the
frequency of the second Nyquist zone image. The two signals are then output through the two DAC outputs,
through a transformer and to an RF upconverter.
Figure 81. Dual-Channel Two-QAM CMTS Transmitter System Using DAC5687
The DAC5687 output for a two-QAM256 carrier signal at 33-MHz and 39-MHz IF with the signal and system
properties listed in Table 19 is shown in Figure 82. The low DAC5687 noise floor provides better than 75 dBc
(equal bandwidth normalized to one QAM256 power) at > 6-MHz offset.
Table 19. Signal and System Properties for Complex IF System Example in Figure 82
Signal
QAM256, 5.36 MSPS,
α = 0.12
IF frequencies
33 MHz and 39 MHz
DAC5687 input rate
5.36 MSPS
× 24 = 128.64 MSPS
DAC5687 output rate
257.28 MSPS (2
× interpolation)
DAC5687 mode
X2
70
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com