Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 6Page - STMicroelectronics L6717 Datasheet HTML 7Page - STMicroelectronics L6717 Datasheet HTML 8Page - STMicroelectronics L6717 Datasheet HTML 9Page - STMicroelectronics L6717 Datasheet HTML 10Page - STMicroelectronics L6717 Datasheet HTML 11Page - STMicroelectronics L6717 Datasheet HTML 12Page - STMicroelectronics L6717 Datasheet HTML 13Page - STMicroelectronics L6717 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Pins description and connection diagrams
L6717
10/56
Doc ID 17326 Rev 1
15
CS1P
Channel 1 current sense positive input.
Connect through an R-C filter to the phase-side of the channel 1 inductor. See
Section 11 for proper layout of this connection.
16
CS1N
Channel 1 current sense negative input.
Connect through a RG resistor to the output-side of the channel inductor. Filter the
Vout-side of RG resistor with 100nF to GND.
See Section 11 for proper layout of this connection.
17
CS2P
Channel 2 current sense positive input.
Connect through an R-C filter to the phase-side of the channel 2 inductor. See
Section 11 for proper layout of this connection.
18
CS2N
Channel 2 current sense negative input.
Connect through a RG resistor to the output-side of the channel inductor. Filter the
Vout-side of RG resistor with 100nF to GND.
See Section 11 for proper layout of this connection.
19
CS3P
Channel 3 current sense positive input.
Connect through an R-C filter to the phase-side of the channel 3 inductor. When
working at 2 phase, directly connect to Vout_CORE.
See Section 11 for proper layout of this connection.
20
CS3N
Channel 3 current sense negative input.
Connect through a RG resistor to the output-side of the channel inductor. When
working at 2 phase, connect through RG to CS3+. Filter the Vout-side of RG resistor
with 100nF to GND.
See Section 11 for proper layout of this connection.
21
CS4P
Channel 4 current sense positive input.
Connect through an R-C filter to the phase-side of the channel 4 inductor. When
working at 2 or 3 phase, directly connect to Vout_CORE.
See Section 11 for proper layout of this connection.
22
CS4N
Channel 4 current sense negative input.
Connect through a RG resistor to the output-side of the channel inductor. When
working at 2 or 3 phase, connect through RG to CS4+.Filter the Vout-side of RG
resistor with 100nF to GND.
See Section 11 for proper layout of this connection.
23
NB_CSP
NB channel current sense positive input.
Connect through an R-C filter to the phase-side of the NB channel inductor. See
Section 11 for proper layout of this connection.
24
NB_CSN
NB channel current sense negative input.
Connect through a RG resistor to the output-side of the channel inductor. Filter the
Vout-side of RG resistor with 100nF to GND.
See Section 11 for proper layout of this connection.
Table 2.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com