Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 20Page - STMicroelectronics L6717 Datasheet HTML 21Page - STMicroelectronics L6717 Datasheet HTML 22Page - STMicroelectronics L6717 Datasheet HTML 23Page - STMicroelectronics L6717 Datasheet HTML 24Page - STMicroelectronics L6717 Datasheet HTML 25Page - STMicroelectronics L6717 Datasheet HTML 26Page - STMicroelectronics L6717 Datasheet HTML 27Page - STMicroelectronics L6717 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Hybrid CPU support and CPU_TYPE detection
L6717
24/56
Doc ID 17326 Rev 1
5.4.2
PWROK de-assertion
Anytime PWROK de-asserts, while EN is asserted, the controller uses the previously stored
Pre-PWROK Metal VID and sets both CORE and NB planes voltage to the corresponding
level performing an on-the-fly VID transition.
Anytime the PWROK is de-asserted the PWRGOOD is tied low; after being pulled low the
PWRGOOD is treated appropriately and kept de-asserted until the output voltage of both
CORE and NB sections is within the PWRGOOD validity window referred to Pre-PWROK
Metal VID.
5.4.3
PSI_L and efficiency optimization at light-load
PSI_L is an active-low flag (i.e. low logic level when asserted) that can be set by the CPU to
allow the VR to enter power-saving mode to maximize the system efficiency when in light-
load conditions. The status of the flag is communicated to the controller through the SVI
bus.
When the PSI_L flag is asserted by the CPU through the SVI bus, the device adjusts the
phase number according to the programmed strategy. Default PSI_L strategy consists in
working in single phase. PSI_L strategy can be disabled as well as re-configured through
specific Power Manager I2C commands. See Section 6 for details.
When CPU issues PSI_L flag, L6717 adjusts phase number according to the selected
PSI_L strategy: the device sets HiZ on the related phases and re-configures internal phase-
shift to maintain the correct interleaving among active phases. Furthermore, the internal
current-sharing is adjusted considering the phase number reduction.
When PSI_L is de-asserted, the device will return to the original configuration.
Start-up is performed with all the configured phases enabled.
When PSI_L is active L6717 performs on-the-fly VID transitions with all the programmed
phases.
NB section is not impacted by PSI_L status change.
Figure 7 shows an example of the efficiency improvement that can be achieved by enabling
the PSI management.
Figure 7.
System efficiency enhancement by PSI
1 PHASE
4 PHASE
1 PHASE
4 PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com