Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 40Page - STMicroelectronics L6717 Datasheet HTML 41Page - STMicroelectronics L6717 Datasheet HTML 42Page - STMicroelectronics L6717 Datasheet HTML 43Page - STMicroelectronics L6717 Datasheet HTML 44Page - STMicroelectronics L6717 Datasheet HTML 45Page - STMicroelectronics L6717 Datasheet HTML 46Page - STMicroelectronics L6717 Datasheet HTML 47Page - STMicroelectronics L6717 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Output voltage monitoring and protections
L6717
44/56
Doc ID 17326 Rev 1
scale can be implemented. When the voltage present at the ILIM pin crosses
VOC_TOT, the device detects an OC and immediately latches with all the MOSFETs
of all the sections OFF (HiZ).
Typical design considers the intervention of the total current OC before the per-phase OC,
leaving this last one as an extreme-protection in case of hardware failures in the external
components. Typical design flow is the following:
–
Define the maximum total output current (IOC_TOT) according to system
requirements
–
Design per-phase OC and RG resistor in order to have IINFOx = IOC_TH (35 μA)
when IOUT is about 10% higher than the IOC_TOT current. It results:
where N is the number of phases and DCR the DC resistance of the inductors. RG
should be designed in worst-case conditions.
–
Design the total current OC and RILIM in order to have the ILIM pin voltage to
VOC_TOT at the desired maximum current IOC_TOT. It results:
where VOC_TOT is typically 2.5V and IOC_TOT is the total current OC threshold
desired.
–
Adjust the defined values according to bench-test of the application.
–
An additional capacitor in parallel to RILIM can be considered to add a delay in the
protection intervention.
Note:
What previously listed is the typical design flow. Custom design and specifications may
require different settings and ratios between the per-phase OC threshold and the Total
Current OC threshold. Applications with huge ripple across inductors may be required to set
per-phase OC to values different than 110%: design flow should be modified accordingly.
Note:
DRP_ADJ command from power manager I2C does not alter the current information used
for per-phase OC and total current OC.
R
G
1.1 I
OC_TOT
⋅
() DCR
⋅
NI
⋅
OCTH
--------------------------------------------------------
=
R
ILIM
V
OC_TOT
R
G
⋅
I
OC_TOT
DCR
⋅
---------------------------------------
=
I
LIM
DCR
R
G
------------- I
OUT
⋅
=
⎝⎠
⎛⎞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com