Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 7Page - STMicroelectronics L6717 Datasheet HTML 8Page - STMicroelectronics L6717 Datasheet HTML 9Page - STMicroelectronics L6717 Datasheet HTML 10Page - STMicroelectronics L6717 Datasheet HTML 11Page - STMicroelectronics L6717 Datasheet HTML 12Page - STMicroelectronics L6717 Datasheet HTML 13Page - STMicroelectronics L6717 Datasheet HTML 14Page - STMicroelectronics L6717 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
L6717
Pins description and connection diagrams
Doc ID 17326 Rev 1
11/56
25
SDA / OVP
SDA - power manager
I2C data.
When power manager
I2C is enabled, this is the data connection.
See Section 6 for details.
OVP - over voltage setting.
When power manager
I2C is disabled (VID4 / I2CDIS to 3.3V) the pin is used to set
the OVP protection for CORE and NB sections. Define the OVP threshold by
connecting the pin to the center tap of a voltage divider from 3V3 to SGND.
See Section 8.1 for details.
26
SCL / OS
SCL - power manager
I2C clock.
When power manager
I2C is enabled, this is the clock connection.
See Section 6 for details.
OS - CORE section offset.
When power manager
I2C is disabled (VID4 / I2CDIS to 3.3V) this pin is internally set
to 1.24V(2.0V): connecting a ROS resistor to GND (3.3V) allows setting a current that
is mirrored into FB pin in order to program a positive (negative) offset according to the
selected RFB. Short to GND to disable the function. See Section 7.4 for details.
27, 28
PWM4,
PWM3
PWM output for external drivers.
Connect to external drivers PWM inputs. The device is able to manage HiZ status by
setting the pins floating.
By shorting to GND PWM4 or PWM3 and PWM4, it is possible to program the CORE
section to work at 3 or 2 phase respectively.
See Section 5.4.4 for details about HiZ management.
29
VID5 /
ADDR
Voltage identification pin -
I2C address pin.
Internally pulled-low by 10
μA, it programs the output voltage in PVI mode. In SVI
mode, the pin is monitored on the EN pin rising-edge to modify the
I2C address. See
Section 5 for details.
30
VID4 /
I2CDIS
Voltage identification pin -
I2C disable pin.
Internally pulled-low by 10
μA, it programs the output voltage in PVI mode. In SVI
mode, the pin is monitored on the EN pin rising-edge to enable/disable the
I2C. See
Section 5 for details.
31
VID3 / SVC
Voltage IDentification Pin - SVI clock pin.
Internally pulled-low by 10
μA, it programs the output voltage in both SVI and PVI
modes. In SVI mode, the 10
μA pull down is disabled. See Section 5 for details.
32
VID2 / SVD
Voltage identification pins - SVI data pin.
Internally pulled-low by 10
μA, it programs the output voltage in both SVI and PVI
modes. In SVI mode, the 10
μA pull down is disabled. See Section 5 for details.
33
VID1 /
CORETYPE
Voltage identification pin.
Internally pulled-low by 10
μA, it programs the output voltage in PVI mode. The pin is
monitored on the EN pin rising-edge to define the operative mode of the controller
(SVI or PVI). See Section 5 for details.
34
VID0 / VFIX
Voltage identification pin.
Internally pulled-low by 10
μA, it programs the output voltage in PVI mode. If the pin is
pulled to 3.3V, the device enters V_FIX mode and SVI commands are ignored.
See Section 5 for details.
Table 2.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com