Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 31Page - STMicroelectronics L6717 Datasheet HTML 32Page - STMicroelectronics L6717 Datasheet HTML 33Page - STMicroelectronics L6717 Datasheet HTML 34Page - STMicroelectronics L6717 Datasheet HTML 35Page - STMicroelectronics L6717 Datasheet HTML 36Page - STMicroelectronics L6717 Datasheet HTML 37Page - STMicroelectronics L6717 Datasheet HTML 38Page - STMicroelectronics L6717 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
L6717
Output voltage positioning
Doc ID 17326 Rev 1
35/56
7.1
CORE section - phase # programming
CORE section implements a flexible 2 to 4 interleaved-phase converter. To program the
desired number of phase, simply short to GND the PWMx signal that is not required to be
used according to Table 19. For three phase operation, short PWM4 to GND while for two
phase operation, short PWM3 and PWM4 to GND.
Caution:
For the disabled phase(s), the current reading pins need to be properly connected to avoid
errors in current-sharing and voltage-positioning: CSxP needs to be connected to the
regulated output voltage while CSxN needs to be connected to CSxP through the same RG
resistor used for the active phases. See Figure 2 and Figure 3 for details in 3-phase and 2-
phase connections.
Table 19.
CORE section - phase number programming
7.2
CORE section - current reading and current sharing loop
L6717 embeds a flexible, fully-differential current sense circuitry for the CORE Section that
is able to read across inductor parasitic resistance or across a sense resistor placed in
series to the inductor element. The fully-differential current reading rejects noise and allows
placing sensing element in different locations without affecting the measurement's accuracy.
The trans-conductance ratio is issued by the external resistor RG placed outside the chip
between CSxN pin toward the reading points. The current sense circuit always tracks the
current information, the pin CSxP is used as a reference keeping the CSxN pin to this volt-
age. To correctly reproduce the inductor current an R-C filtering network must be introduced
in parallel to the sensing element. The current that flows from the CSxN pin is then given by
the following equation (See Figure 10):
Considering now to match the time constant between the inductor and the R-C filter applied
(Time constant mismatches cause the introduction of poles into the current reading network
causing instability. In addition, it is also important for the load transient response and to let
the system show resistive equivalent output impedance) it results:
RG resistor is typically designed in order to have an information current IINFOx in the range of
about 35
μA (I
OCTH) at the OC Threshold.
Phase number
PWM3
PWM4
2GND
GND
3
To driver
GND
4
To driver
To driver
I
CSxN
DCR
R
G
-------------
1
s L DCR
⁄
⋅
+
1s R C
⋅⋅
+
-------------------------------------- I
⋅
PHASEx
⋅
=
L
DCR
-------------
RC
I
CSxN
R
L
R
G
-------- I
PHASEx
⋅
=
⇒
⋅
I
INFOx
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com